| Fabricant | No de pièce | Fiches technique | Description |
 Gennum Corporation |
GS3490
|
1Mb / 22P |
Low power operation from a single
|
 Intersil Corporation |
ISL33334E
|
820Kb / 23P |
Operates from a single 3.3V supply
October 21, 2016 |
 Maxim Integrated Produc... |
MAX14880EVKIT
|
577Kb / 8P |
Operates from a Single 3.3V Supply
Rev 0; 5/17 |
 Recom International Pow... |
R-REF02-78S
|
486Kb / 3P |
3.3V from a single AA battery (boost converter)
|
 Maxim Integrated Produc... |
MAX14883EEVKIT
|
624Kb / 7P |
Operates from a Single 5V Supply
Rev 2; 12/18 |
|
MAX20098EVKIT
|
1Mb / 8P |
Output Voltage: 5V or 3.3V Fixed, or Adjustable from 1V up to 10V
Rev 4; 4/19 |
|
MAX149X1EVKIT
|
2Mb / 9P |
Operates From a Single 3.3V Supply
Rev 1; 7/16 |
|
MAX148X1EVKIT
|
2Mb / 13P |
Operates From a Single 3.3V Supply
Rev 0; 7/16 |
|
MAX14882EVKIT
|
673Kb / 7P |
Operates from a Single 3.3V Supply
Rev 0; 5/18 |
|
MAX14851EVKIT
|
758Kb / 8P |
Operates from a Single Supply
Rev 0; 11/17 |