Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL88016 Fiches technique (PDF) - Renesas Technology Corp

ISL88016 Datasheet PDF - Renesas Technology Corp
No de pièce ISL88016
Télécharger  ISL88016 Télécharger
Taille du fichier   468.99 Kbytes
Page   8 Pages
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Pin Voltage Supervisors with Pin-Selectable Voltage Trip Points

ISL88016 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISL88016 Datasheet PDF - Renesas Technology Corp

No de pièce ISL88016
Télécharger  ISL88016 Click to download

Taille du fichier   468.99 Kbytes
Page   8 Pages
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Pin Voltage Supervisors with Pin-Selectable Voltage Trip Points

ISL88016 Fiches technique (HTML) - Renesas Technology Corp


ISL88016 Détails du produit

6-Pin Voltage Supervisors with Pin-Selectable Voltage Trip Points

The ISL88016, ISL88017 supervisors offer pin-selectable voltage trip points along with popular functions such as Power-on Reset control, Supply Voltage Supervision, and Manual Reset assertion in a small 6 Ld TSOT-23 package.

Features
• Pin-Selectable Single Voltage Monitoring Supervisors
• User Pin-Selectable Voltage Trip Points
    - ISL88016: 1.60V to 2.85V in 50mV Steps
    - ISL88017: 2.15V to 4.65V in 100mV Steps
• Reduce Inventory on Fixed Voltage Trip Point Options
• Manual Reset Capability
• Proprietary TwinPin™ Combines Active-Low Reset Output and Manual Reset Input Functions into One Pin
• Reset Signal Valid Down to VDD = 0.8V
• Voltage Threshold ±2% Accuracy Over Temp
• No External Components Necessary
• Immune to Power-Supply Transients
• Ultra Low 3µA Supply Current
• Small 6 Ld TSOT-23 Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Process Control Systems
• Intelligent Instruments
• Embedded Control Systems
• Computer Systems
• Portable/Battery-Powered Equipment
• PDA and Hand-Held PC Devices




Numéro de pièce similaire - ISL88016

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL88016 INTERSIL-ISL88016 Datasheet
193Kb / 7P
6-Pin Voltage Supervisors with Pin- Selectable Voltage Trip Points
December 22, 2006
ISL88016IHTZ-T INTERSIL-ISL88016IHTZ-T Datasheet
193Kb / 7P
6-Pin Voltage Supervisors with Pin- Selectable Voltage Trip Points
December 22, 2006
ISL88016IHTZ-TK INTERSIL-ISL88016IHTZ-TK Datasheet
193Kb / 7P
6-Pin Voltage Supervisors with Pin- Selectable Voltage Trip Points
December 22, 2006
More results


Description similaire - ISL88016

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
3-PIN SUPPLY VOLTAGE SUPERVISORS
logo
Intersil Corporation
ISL88016 INTERSIL-ISL88016 Datasheet
193Kb / 7P
6-Pin Voltage Supervisors with Pin- Selectable Voltage Trip Points
December 22, 2006
logo
Texas Instruments
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
3-Pin Supply Voltage Supervisors
More results




À propos de Renesas Technology Corp


Renesas Technology Corp est une société de semi-conducteurs japonaise qui fournit une large gamme de microcontrôleurs, de systèmes sur puce et de dispositifs analogiques et d'alimentation pour diverses applications sur les marchés automobiles, industriels et consommateurs.
La société a été formée en 2010 grâce à la fusion de NEC Electronics Corporation et de la Renesas Technology Corporation.
Renesas est l'un des plus grands fournisseurs de microcontrôleurs au monde et est connu pour son expertise dans le développement de technologies avancées dans des domaines tels que l'Internet des objets (IoT), l'intelligence artificielle (IA) et l'électronique automobile.
La société a des opérations dans plus de 20 pays et ses produits sont utilisés dans un large éventail d'applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com