| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MP3276AG Datasheet
# Example questions:
➢ What is the function of the pxs pin and how does changing its state affect the output data mode?
➢ What is the maximum allowable delay (in nanoseconds) between the rising edge of wr and the stl signal going low, under typical operating conditions (25°c)?
➢ In serial data output mode, what signal initiates the output of each data bit from the db11/sdo pin?
1. Overview & Modes of Operation
️· Device: MP3276 Analog-to-Digital Converter (ADC)
️· Modes:
- Parallel Data Output Mode (PXS = 0): Standard parallel output with DB0-DB11 data bits.
- Serial Data Output Mode (PXS = 0): Serial data output on DB11/SDO, using DB0/SDC as a clock signal.
2. Parallel Data Output Mode (PXS = 1)
️· Control Signals:
- CS: Chip Select (Timing is impacted if used, WR is preferred.)
- WR: Write (Conversion Start). Rising edge of WR initiates the conversion.
- ADDRESS: Used to select the input channel.
- ADEN: Address Enable. Controls whether the address bits select the channel.
- STL: Multiplexer/Buffer Amplifier Settle. Indicates when the input channel is settled.
- STS: Conversion Status. Indicates conversion completion.
- RD: Read. Controls data output. Keeping RD high during conversion rejects noise.
️· Timing (Key values - see tables, but here are highlights):
- WR to STL Delay: 10 µs max (Conversion start time)
- STL High: 15 µs max (Settling Time)
- STL to STS Low: 200 ns max (Conversion time)
- WR to STS High: 15 µs (ADEN = 0) or 200 ns (ADEN=1) (Conversion finish time)
️· Data Output: DB0-DB11. RD = 0 enables output. RD = 1 keeps output high impedance (preferred).
3. Serial Data Output Mode (PXS = 0)
️· Signals:
- PXS: Mode Select. Must be low before RD goes low.
- DB11/SDO: Serial Data Output.
- DB0/SDC: Serial Clock Input.
️· Timing: (Refer to Figure 6, Table 4 & 5)
- The serial data bits are clocked out in MSB to LSB order.
️· Clocking: SDC must be high during the STS high period.
4. Key Considerations & Best Practices:
️· WR Preferred over CS: Use WR to initiate conversion as it’s quieter and has less propagation delay.
️· Keep RD High During Conversion: Minimizes noise and improves signal quality.
️· PXS Control: Must be low before RD goes low when using serial mode.
️· ADEN Usage: Carefully control ADEN based on whether you want the address bits to select the input channel or a fixed channel.
️· Timing Values: Refer to the detailed timing tables for precise values.
In essence, this excerpt describes a versatile ADC that can output data either in parallel or serial format, with a focus on stable operation and noise minimization through careful timing and signal control.
1. Overview & Modes of Operation
️· Device: MP3276 Analog-to-Digital Converter (ADC)
️· Modes:
- Parallel Data Output Mode (PXS = 0): Standard parallel output with DB0-DB11 data bits.
- Serial Data Output Mode (PXS = 0): Serial data output on DB11/SDO, using DB0/SDC as a clock signal.
2. Parallel Data Output Mode (PXS = 1)
️· Control Signals:
- CS: Chip Select (Timing is impacted if used, WR is preferred.)
- WR: Write (Conversion Start). Rising edge of WR initiates the conversion.
- ADDRESS: Used to select the input channel.
- ADEN: Address Enable. Controls whether the address bits select the channel.
- STL: Multiplexer/Buffer Amplifier Settle. Indicates when the input channel is settled.
- STS: Conversion Status. Indicates conversion completion.
- RD: Read. Controls data output. Keeping RD high during conversion rejects noise.
️· Timing (Key values - see tables, but here are highlights):
- WR to STL Delay: 10 µs max (Conversion start time)
- STL High: 15 µs max (Settling Time)
- STL to STS Low: 200 ns max (Conversion time)
- WR to STS High: 15 µs (ADEN = 0) or 200 ns (ADEN=1) (Conversion finish time)
️· Data Output: DB0-DB11. RD = 0 enables output. RD = 1 keeps output high impedance (preferred).
3. Serial Data Output Mode (PXS = 0)
️· Signals:
- PXS: Mode Select. Must be low before RD goes low.
- DB11/SDO: Serial Data Output.
- DB0/SDC: Serial Clock Input.
️· Timing: (Refer to Figure 6, Table 4 & 5)
- The serial data bits are clocked out in MSB to LSB order.
️· Clocking: SDC must be high during the STS high period.
4. Key Considerations & Best Practices:
️· WR Preferred over CS: Use WR to initiate conversion as it’s quieter and has less propagation delay.
️· Keep RD High During Conversion: Minimizes noise and improves signal quality.
️· PXS Control: Must be low before RD goes low when using serial mode.
️· ADEN Usage: Carefully control ADEN based on whether you want the address bits to select the input channel or a fixed channel.
️· Timing Values: Refer to the detailed timing tables for precise values.
In essence, this excerpt describes a versatile ADC that can output data either in parallel or serial format, with a focus on stable operation and noise minimization through careful timing and signal control.
| Part No. | MP3276AG |
| Manufacturer | EXAR |
| Size | 170 Kbytes |
| Pages | 16 pages |
| Description | Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem |