Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT746 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AT746 Datasheet

  • # Example questions: ➢ What is the thermal impedance (r th(j-h)) from junction to heatsink for the at746 thyristor?
    ➢ What is the peak gate power dissipation (p gm) and for how long a pulse width is this value specified?
    ➢ What is the typical on-state voltage (v t) of the at746 thyristor when the on-state current is 5600a?

  • Part No.AT746
    ManufacturerPOSEICO
    Size171 Kbytes
    Pages4 pages
    DescriptionPHASE CONTROL THYRISTOR
    Datasheet Summary with AI

    AT746 Phase Control Thyristor - Datasheet Summary

    Parameter Symbol/Description Value Units Notes/Conditions
    Absolute Maximum Ratings
    Peak Reverse Voltage VRRM 1600 V
    Repetitive Peak Reverse Voltage VRRM 1800 V
    Peak Forward Voltage VFM 30 V
    Peak Forward Current IFM 1800 A
    Surge Forward Current ITSM 25 kA 10ms
    Average Forward Current IF(AV) 1404 A Tc = 85°C
    1800 A
    Junction Temperature Tj 125 °C Max
    Storage Temperature Tstg -40 to +150 °C
    Electrical Characteristics (Tj = 25°C unless otherwise specified)
    On-State Voltage VT 2.80 V IT = 5600A
    Threshold Voltage VTO 1.10 V
    On-State Slope Resistance rT 0.270
    Holding Current IH 500 mA VD = 5V
    Latching Current IL 2 mA VD = 5V, tp = 30µs
    Gate Trigger Voltage VGT 3.50 V VD = 5V
    Gate Trigger Current IGT 300 mA VD = 5V
    Non-Trigger Gate Voltage VGD 0.25 V VD = VRRM
    Switching Characteristics
    Critical Rate of Rise of On-State Current di/dt 200 A/µs From 75% VDRM to 1800A
    Critical Rate of Rise of Off-State Voltage dv/dt 500 V/µs Linear ramp to 70% VDRM
    Gate Controlled Delay Time td 1 µs VD = 100V, gate source 25V, 10W, tr = 0.5 µs
    Circuit Commutated Turn-Off Time tq 350 µs dv/dt = 20V/µs, linear to 75% VDRM
    Thermal Characteristics
    Junction-to-Heatsink Thermal Resistance Rth(j-h) 17.0 °C/W
    Case-to-Heatsink Thermal Resistance Rth(c-h) 3.0 °C/W
    Other
    Peak Gate Power Dissipation PGM 150 W Pulse width 100µs
    Average Gate Power Dissipation PG 2 W
    Mass 1000 g
    Cathode Terminal Type DIN 46244 - A 4.8 - 0.8
    Gate Terminal Type AMP 60598 - 1

    Important Notes:

    ️· This table is based on the information provided in the text. Some information might be missing.
    ️· Always refer to the official datasheet for complete and accurate specifications.
    ️· The conditions under which these parameters are measured are important for proper application of the device.

    AT746 Phase Control Thyristor - Datasheet Summary

    Parameter Symbol/Description Value Units Notes/Conditions
    Absolute Maximum Ratings
    Peak Reverse Voltage VRRM 1600 V
    Repetitive Peak Reverse Voltage VRRM 1800 V
    Peak Forward Voltage VFM 30 V
    Peak Forward Current IFM 1800 A
    Surge Forward Current ITSM 25 kA 10ms
    Average Forward Current IF(AV) 1404 A Tc = 85°C
    1800 A
    Junction Temperature Tj 125 °C Max
    Storage Temperature Tstg -40 to +150 °C
    Electrical Characteristics (Tj = 25°C unless otherwise specified)
    On-State Voltage VT 2.80 V IT = 5600A
    Threshold Voltage VTO 1.10 V
    On-State Slope Resistance rT 0.270
    Holding Current IH 500 mA VD = 5V
    Latching Current IL 2 mA VD = 5V, tp = 30µs
    Gate Trigger Voltage VGT 3.50 V VD = 5V
    Gate Trigger Current IGT 300 mA VD = 5V
    Non-Trigger Gate Voltage VGD 0.25 V VD = VRRM
    Switching Characteristics
    Critical Rate of Rise of On-State Current di/dt 200 A/µs From 75% VDRM to 1800A
    Critical Rate of Rise of Off-State Voltage dv/dt 500 V/µs Linear ramp to 70% VDRM
    Gate Controlled Delay Time td 1 µs VD = 100V, gate source 25V, 10W, tr = 0.5 µs
    Circuit Commutated Turn-Off Time tq 350 µs dv/dt = 20V/µs, linear to 75% VDRM
    Thermal Characteristics
    Junction-to-Heatsink Thermal Resistance Rth(j-h) 17.0 °C/W
    Case-to-Heatsink Thermal Resistance Rth(c-h) 3.0 °C/W
    Other
    Peak Gate Power Dissipation PGM 150 W Pulse width 100µs
    Average Gate Power Dissipation PG 2 W
    Mass 1000 g
    Cathode Terminal Type DIN 46244 - A 4.8 - 0.8
    Gate Terminal Type AMP 60598 - 1

    Important Notes:

    ️· This table is based on the information provided in the text. Some information might be missing.
    ️· Always refer to the official datasheet for complete and accurate specifications.
    ️· The conditions under which these parameters are measured are important for proper application of the device.

    Part No.AT746
    ManufacturerPOSEICO
    Size171 Kbytes
    Pages4 pages
    DescriptionPHASE CONTROL THYRISTOR