Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S10VB60 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about S10VB60_17 Datasheet

  • # Example questions: ➢ The datasheet references both 'junction to lead' thermal resistance and a need for redundancy/safety measures. explain how these two concepts are related in the context of designing a circuit using the s10vb60 diode.
    ➢ What are the key differences between the 'standard', 'special', and 'specific' applications as defined by shindengen, and provide an example of a device falling into each category?
    ➢ What is the maximum peak surge forward current (ifsm) for the s10vb60 diode, and under what conditions is this value specified?

  • Part No.S10VB60_17
    ManufacturerSHINDENGEN
    Size412 Kbytes
    Pages4 pages
    DescriptionSquare In-line Package
    Datasheet Summary with AI

    ️· Product Type: Bridge Rectifier
    ️· Voltage Rating: Designed for applications up to its maximum reverse voltage.
    ️· Current Rating: 10 Amps (with heatsink), 3.7 Amps (without heatsink)
    ️· Surge Current: 200 Amps
    ️· Key Features: Designed for standard and potentially special/specific applications depending on reliability needs.
    ️· Applications: Suitable for a wide range of applications including power supplies, industrial equipment, and consumer electronics.
    ️· Important Notes: The datasheet emphasizes the importance of considering safety measures, redundancy, and contacting Shindengen for applications requiring high reliability or safety-critical performance. It also highlights potential export restrictions.
    ️· Quality Classification: Shindengen categorizes applications into Standard, Special, and Specific, influencing the required quality grade of the rectifier.



    In essence, it’s a technical document detailing the specifications, performance characteristics, and safety considerations for using this bridge rectifier in electronic designs.

    ️· Product Type: Bridge Rectifier
    ️· Voltage Rating: Designed for applications up to its maximum reverse voltage.
    ️· Current Rating: 10 Amps (with heatsink), 3.7 Amps (without heatsink)
    ️· Surge Current: 200 Amps
    ️· Key Features: Designed for standard and potentially special/specific applications depending on reliability needs.
    ️· Applications: Suitable for a wide range of applications including power supplies, industrial equipment, and consumer electronics.
    ️· Important Notes: The datasheet emphasizes the importance of considering safety measures, redundancy, and contacting Shindengen for applications requiring high reliability or safety-critical performance. It also highlights potential export restrictions.
    ️· Quality Classification: Shindengen categorizes applications into Standard, Special, and Specific, influencing the required quality grade of the rectifier.



    In essence, it’s a technical document detailing the specifications, performance characteristics, and safety considerations for using this bridge rectifier in electronic designs.

    Part No.S10VB60_17
    ManufacturerSHINDENGEN
    Size412 Kbytes
    Pages4 pages
    DescriptionSquare In-line Package