| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about EP05Q03L Datasheet
# Example questions:
➢ How does the thermal resistance from junction to ambient affect the operating temperature of the ep05q03l?
➢ What is the maximum repetitive peak reverse voltage that this schottky barrier diode (sbd) can withstand?
➢ What is the maximum forward current this diode can handle under a 50hz half sine wave, non-repetitive surge?
# EP05Q03L Schottky Barrier Diode
## Features
️· EDEC SOD-123 Package
️· Very Low profile (1.1mm Max)
️· Extremely Low Forward Voltage Drop
️· Low Power Loss, High Efficiency
️· High Surge Capability
️· Low Thermal Resistance
️· Packaged in 8mm Tape and Reel
## Maximum Ratings
️· Repetitive Peak Reverse Voltage (VRRM): 30 V
️· Average Rectified Output Current (IO): 0.50 A (Tl=106°C)
️· RMS Forward Current (IF(RMS)): 0.785 A
️· Surge Forward Current (IFSM): 8 A
️· Operating Junction Temperature Range (Tjw): -40 to +150 °C
️· Storage Temperature Range (Tstg): -40 to +150 °C
## Electrical & Thermal Characteristics
️· Peak Reverse Current (IRM): ≤ 200 µA (Tj= 25 °C, V RM= V RRM)
️· Peak Forward Voltage (VFM): 0.45 V (Tj= 25 °C, I FM=0.5A)
️· Thermal Resistance (Rth(j-a)): 300 °C/W (Glass Epoxy Substrate Mounted)
️· Thermal Resistance (Rth(j-l)): 70 °C/W
# EP05Q03L Schottky Barrier Diode
## Features
️· EDEC SOD-123 Package
️· Very Low profile (1.1mm Max)
️· Extremely Low Forward Voltage Drop
️· Low Power Loss, High Efficiency
️· High Surge Capability
️· Low Thermal Resistance
️· Packaged in 8mm Tape and Reel
## Maximum Ratings
️· Repetitive Peak Reverse Voltage (VRRM): 30 V
️· Average Rectified Output Current (IO): 0.50 A (Tl=106°C)
️· RMS Forward Current (IF(RMS)): 0.785 A
️· Surge Forward Current (IFSM): 8 A
️· Operating Junction Temperature Range (Tjw): -40 to +150 °C
️· Storage Temperature Range (Tstg): -40 to +150 °C
## Electrical & Thermal Characteristics
️· Peak Reverse Current (IRM): ≤ 200 µA (Tj= 25 °C, V RM= V RRM)
️· Peak Forward Voltage (VFM): 0.45 V (Tj= 25 °C, I FM=0.5A)
️· Thermal Resistance (Rth(j-a)): 300 °C/W (Glass Epoxy Substrate Mounted)
️· Thermal Resistance (Rth(j-l)): 70 °C/W
| Part No. | EP05Q03L |
| Manufacturer | ETC |
| Size | 28 Kbytes |
| Pages | 2 pages |
| Description | SBD |