Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB503 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SB503 Datasheet

  • # Example questions: ➢ What are the typical and maximum values for the collector-emitter saturation voltage when the collector current is -3a and the base current is -0.3a?
    ➢ How does the collector power dissipation change when the ambient temperature is 25°c compared to when the case temperature is 25°c?
    ➢ What is the maximum continuous collector current this transistor can handle?

  • Part No.2SB503
    ManufacturerISC
    Size95 Kbytes
    Pages2 pages
    DescriptionCollector-Emitter Breakdown Voltage-: V(BR)CEO= -50V(Min)
    Datasheet Summary with AI

    # isc Silicon PNP Power Transistors 2SB503

    ## Description

    · Collector-Emitter Breakdown Voltage: V(BR)CEO = -50V (Min)
    · High Power Dissipation: PC = 25W (Max) @ TC = 25°C

    ## Applications

    · Designed for audio power amplifier and regulator applications.

    ## Absolute Maximum Ratings (Ta=25°C)

    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage -70 V
    VCEO Collector-Emitter Voltage -50 V
    VEBO Emitter-Base Voltage -8 V
    IC Collector Current (Continuous -3 A
    PC Collector Power Dissipation (@Ta=25°C) 1.5 W
    PC Collector Power Dissipation (@TC=25°C) 25 W
    TJ Junction Temperature 150 °C
    Tstg Storage Temperature -65~150 °C

    ## Electrical Characteristics (Tj=25°C unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT
    V(BR)CEO Collector-Emitter Breakdown Voltage IC= -30mA; IB= 0 -50 V
    V(BR)CBO Collector-Base Breakdown Voltage IC= -0.1mA; IE= 0 -70 V
    V(BR)EBO Emitter-Base Breakdown Voltage IE= -1mA; IC= 0 -8 V
    VCE(sat) Collector-Emitter Saturation Voltage IC= -3A; IB= -0.3A -1.5 V
    VBE(sat) Base-Emitter Saturation Voltage IC= -3A; IB= -0.3A -1.8 V
    ICBO Collector Cutoff Current VCB= -50V; IE= 0 -10 μA
    IEBO Emitter Cutoff Current VEB= -8V; IC= 0 -100 μA
    hFE-1 DC Current Gain IC= -0.5A; VCE= -5V 30 280
    hFE-2 DC Current Gain IC= -2.5A; VCE= -5V 15
    COB Output Capacitance IE= 0; VCB= -10V; f= 1MHz 200 pF

    ## hFE Classifications

    R O Y
    30-70 50-140 100-280

    ## Website

    · www.iscsemi.cn

    # isc Silicon PNP Power Transistors 2SB503

    ## Description

    · Collector-Emitter Breakdown Voltage: V(BR)CEO = -50V (Min)
    · High Power Dissipation: PC = 25W (Max) @ TC = 25°C

    ## Applications

    · Designed for audio power amplifier and regulator applications.

    ## Absolute Maximum Ratings (Ta=25°C)

    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage -70 V
    VCEO Collector-Emitter Voltage -50 V
    VEBO Emitter-Base Voltage -8 V
    IC Collector Current (Continuous -3 A
    PC Collector Power Dissipation (@Ta=25°C) 1.5 W
    PC Collector Power Dissipation (@TC=25°C) 25 W
    TJ Junction Temperature 150 °C
    Tstg Storage Temperature -65~150 °C

    ## Electrical Characteristics (Tj=25°C unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT
    V(BR)CEO Collector-Emitter Breakdown Voltage IC= -30mA; IB= 0 -50 V
    V(BR)CBO Collector-Base Breakdown Voltage IC= -0.1mA; IE= 0 -70 V
    V(BR)EBO Emitter-Base Breakdown Voltage IE= -1mA; IC= 0 -8 V
    VCE(sat) Collector-Emitter Saturation Voltage IC= -3A; IB= -0.3A -1.5 V
    VBE(sat) Base-Emitter Saturation Voltage IC= -3A; IB= -0.3A -1.8 V
    ICBO Collector Cutoff Current VCB= -50V; IE= 0 -10 μA
    IEBO Emitter Cutoff Current VEB= -8V; IC= 0 -100 μA
    hFE-1 DC Current Gain IC= -0.5A; VCE= -5V 30 280
    hFE-2 DC Current Gain IC= -2.5A; VCE= -5V 15
    COB Output Capacitance IE= 0; VCB= -10V; f= 1MHz 200 pF

    ## hFE Classifications

    R O Y
    30-70 50-140 100-280

    ## Website

    · www.iscsemi.cn

    Part No.2SB503
    ManufacturerISC
    Size95 Kbytes
    Pages2 pages
    DescriptionCollector-Emitter Breakdown Voltage-: V(BR)CEO= -50V(Min)