Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HV200F04 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HV200F04 Datasheet

  • # Example questions: ➢ Within what temperature range can this diode be safely stored?
    ➢ What is the maximum forward voltage drop at a test current and temperature?
    ➢ What is the maximum allowable surge current this diode can handle?

  • Part No.HV200F04
    ManufacturerGETEDZ
    Size66 Kbytes
    Pages1 page
    DescriptionHigh speed switching
    Datasheet Summary with AI

    # HV200F04 - 4.0kV 200mA HIGH VOLTAGE DIODE

    ## General Description
    ️· High reliability, resin molded high voltage diode.
    ️· Sealed multilayed mesa type silicon chip by epoxy resin.
    ️· Small size package.

    ## Features
    ️· High speed switching
    ️· High Current
    ️· High surge resisitivity for CRT discharge
    ️· High reliability design
    ️· High Voltage

    ## Applications
    ️· X light Power supply
    ️· Laser
    ️· Voltage doubler circuit
    ️· Microwave emission power

    ## Maximum Ratings
    ️· Repetitive Peak Reverse Voltage (VRRM): 4.0 kV
    ️· Average Output Current (IO): 200 mA (at Ta=25°C, Resistive Load)
    ️· Surge Current (IFSM): 10 A (peak)
    ️· Junction Temperature (Tj): 125 °C
    ️· Case Temperature (Tc): 125 °C
    ️· Storage Temperature (Tstg): -40 to +125 °C

    ## Electrical Characteristics (Ta=25°C unless otherwise specified)
    ️· Maximum Forward Voltage Drop (VF): 13 V (at 25°C, IF = IF(AV))
    ️· Maximum Reverse Current (IR1): 2.0 uA (at 25°C, VR = VRRM)
    ️· Maximum Reverse Current (IR2): 15 uA (at 100°C, VR = VRRM)
    ️· Maximum Reverse Recovery Time (Trr): 100 ns (at 25°C)
    ️· Junction Capacitance (Cj): 15 pF (at 25°C, VR=0V, f=1MHz)

    ## Markings
    ️· Cathode Mark: "o" with adjacent markings (see datasheet)
    ️· Lot No.: GETE ELECTRONICS CO., LTD.

    ## Manufacturer
    ️· GETE ELECTRONICS CO., LTD.
    ️· Website: Http://www.getedz.com
    ️· Email: sales@getedz.com

    # HV200F04 - 4.0kV 200mA HIGH VOLTAGE DIODE

    ## General Description
    ️· High reliability, resin molded high voltage diode.
    ️· Sealed multilayed mesa type silicon chip by epoxy resin.
    ️· Small size package.

    ## Features
    ️· High speed switching
    ️· High Current
    ️· High surge resisitivity for CRT discharge
    ️· High reliability design
    ️· High Voltage

    ## Applications
    ️· X light Power supply
    ️· Laser
    ️· Voltage doubler circuit
    ️· Microwave emission power

    ## Maximum Ratings
    ️· Repetitive Peak Reverse Voltage (VRRM): 4.0 kV
    ️· Average Output Current (IO): 200 mA (at Ta=25°C, Resistive Load)
    ️· Surge Current (IFSM): 10 A (peak)
    ️· Junction Temperature (Tj): 125 °C
    ️· Case Temperature (Tc): 125 °C
    ️· Storage Temperature (Tstg): -40 to +125 °C

    ## Electrical Characteristics (Ta=25°C unless otherwise specified)
    ️· Maximum Forward Voltage Drop (VF): 13 V (at 25°C, IF = IF(AV))
    ️· Maximum Reverse Current (IR1): 2.0 uA (at 25°C, VR = VRRM)
    ️· Maximum Reverse Current (IR2): 15 uA (at 100°C, VR = VRRM)
    ️· Maximum Reverse Recovery Time (Trr): 100 ns (at 25°C)
    ️· Junction Capacitance (Cj): 15 pF (at 25°C, VR=0V, f=1MHz)

    ## Markings
    ️· Cathode Mark: "o" with adjacent markings (see datasheet)
    ️· Lot No.: GETE ELECTRONICS CO., LTD.

    ## Manufacturer
    ️· GETE ELECTRONICS CO., LTD.
    ️· Website: Http://www.getedz.com
    ️· Email: sales@getedz.com

    Part No.HV200F04
    ManufacturerGETEDZ
    Size66 Kbytes
    Pages1 page
    DescriptionHigh speed switching