Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPT5032P Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RPT5032P Datasheet

  • # Example questions: ➢ How does the reflow process affect the frequency stability of the rpt5032p, according to the specifications?
    ➢ What is the typical supply voltage range for the rpt5032p oscillator?
    ➢ Which output options are available for the oscillator, and what is the expected output voltage level for the hcmos option?

  • Part No.RPT5032P
    ManufacturerTEMEX
    Size405 Kbytes
    Pages2 pages
    DescriptionLTE phase noise compliant
    Datasheet Summary with AI

    # RPT5032P Pluto+ Ultra Stable SMD VC-TCXO

    ## Overview
    ️· Designed for short and medium-term stability in small cell packet network synchronization.
    ️· Low jitter & phase noise for 10GE network interfaces & LTE-A/WCDMA transceivers.
    ️· Dimensions: 5.0 x 3.2 mm.

    ## Key Features
    ️· Patented Pluto+ ASIC technology.
    ️· Clipped sine wave & HCMOS output options.
    ️· LTE phase noise compliant.
    ️· Optional temperature sensor.

    ## Standard Specifications
    ️· Nominal Frequency: 19.2 – 40 MHz (Standard frequencies: 19.2, 25.0, 24.576, 26.0, 30.72, 38.4, 40.0 MHz).
    ️· Frequency Calibration: ±1.0 ppm.
    ️· Reflow Shift: ±0.5 ppm.
    ️· Operating Temperature: -40 to 85 °C.
    ️· In-Service Short-Term Stability: ±50 to ±250 ppb.
    ️· Slope Stability: ±20 to ±100 ppb/°C.

    ️· Supply Voltage Stability: ±10 ppb (with ±2% variation).
    ️· Load Sensitivity: ±10 ppb.
    ️· Long-Term Stability (Aging): ±20 ppb/day, ±200 ppb/month, ±1 ppm/year, ±3 ppm/10 years.
    ️· Acceleration Sensitivity: <2 ppb/g.
    ️· Start-up Time: 15 ms.
    ️· Supply Voltage (VCC): 2.5 V (typical).
    ️· Current (C/Sine): 2 mA.
    ️· Current (HCMOS): 4 mA.
    ️· Output (C/Sine): 0.8 Vpp (10pF//10kΩ load).
    ️· HCMOS Output: VOH: 0.9VCC, VOL: 0.1VCC, Duty Cycle: 45-55%, Rise/Fall Time: 8ns.
    ️· Control Voltage: 0.5V, Tuning Range: ±5 ppm, Input Resistance: 100 kΩ.

    ## Performance
    ️· SSB Phase Noise: Typical values available in datasheet.
    ️· RMS Jitter: 280fs (12kHz ~ 5MHz) & 300fs (12kHz ~ 5MHz).

    ## Mechanical
    ️· Model outline and recommended pad layouts (6-pad version shown, 10-pad version coming soon).

    # RPT5032P Pluto+ Ultra Stable SMD VC-TCXO

    ## Overview
    ️· Designed for short and medium-term stability in small cell packet network synchronization.
    ️· Low jitter & phase noise for 10GE network interfaces & LTE-A/WCDMA transceivers.
    ️· Dimensions: 5.0 x 3.2 mm.

    ## Key Features
    ️· Patented Pluto+ ASIC technology.
    ️· Clipped sine wave & HCMOS output options.
    ️· LTE phase noise compliant.
    ️· Optional temperature sensor.

    ## Standard Specifications
    ️· Nominal Frequency: 19.2 – 40 MHz (Standard frequencies: 19.2, 25.0, 24.576, 26.0, 30.72, 38.4, 40.0 MHz).
    ️· Frequency Calibration: ±1.0 ppm.
    ️· Reflow Shift: ±0.5 ppm.
    ️· Operating Temperature: -40 to 85 °C.
    ️· In-Service Short-Term Stability: ±50 to ±250 ppb.
    ️· Slope Stability: ±20 to ±100 ppb/°C.
    ️· Supply Voltage Stability: ±10 ppb (with ±2% variation).
    ️· Load Sensitivity: ±10 ppb.
    ️· Long-Term Stability (Aging): ±20 ppb/day, ±200 ppb/month, ±1 ppm/year, ±3 ppm/10 years.
    ️· Acceleration Sensitivity: <2 ppb/g.
    ️· Start-up Time: 15 ms.
    ️· Supply Voltage (VCC): 2.5 V (typical).
    ️· Current (C/Sine): 2 mA.
    ️· Current (HCMOS): 4 mA.
    ️· Output (C/Sine): 0.8 Vpp (10pF//10kΩ load).
    ️· HCMOS Output: VOH: 0.9VCC, VOL: 0.1VCC, Duty Cycle: 45-55%, Rise/Fall Time: 8ns.
    ️· Control Voltage: 0.5V, Tuning Range: ±5 ppm, Input Resistance: 100 kΩ.

    ## Performance
    ️· SSB Phase Noise: Typical values available in datasheet.
    ️· RMS Jitter: 280fs (12kHz ~ 5MHz) & 300fs (12kHz ~ 5MHz).

    ## Mechanical
    ️· Model outline and recommended pad layouts (6-pad version shown, 10-pad version coming soon).

    Part No.RPT5032P
    ManufacturerTEMEX
    Size405 Kbytes
    Pages2 pages
    DescriptionLTE phase noise compliant