Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73C63 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EM73C63 Datasheet

  • # Example questions: ➢ What is the role of the stack pointer (sp), and how is it affected when a subroutine is called and when returning from that subroutine?
    ➢ Describe the purpose of the carry flag (cf) in the alu, and provide a scenario where it would be set to '1'.
    ➢ Explain the function of the hl register pair. how are h and l used together, and give an example of an instruction that utilizes them as a pointer.

  • Part No.EM73C63
    ManufacturerEMC
    Size220 Kbytes
    Pages40 pages
    Description4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
    Datasheet Summary with AI

    Document Overview: EM73C63 Microcontroller Specifications

    This document details the specifications for the EM73C63 microcontroller, targeted towards LCD applications. It provides an overview of its architecture, features, and functionalities. The document is structured into sections covering various components and their roles.

    1. Core Architecture & Features

    ️· 4-Bit Microcontroller: Designed for LCD control and other embedded applications.
    ️· Dual Clock System: Supports both high-frequency (480 KHz - 4 MHz) and low-frequency oscillators (32 KHz).
    ️· Stack-Based Architecture: Uses a stack for subroutine calls and data handling.

    2. Key Components & Functionality

    ️· Registers:
    - HL Register: Used as a pair of pointers for RAM memory access and as temporary data registers.
    - Stack Pointer (SP): Indicates the current stack level; managed automatically during subroutine calls. `LDASP` and `STASP` instructions handle data transfers.
    - Data Pointer (DP): Used for access to ROM data.
    ️· Arithmetic Logic Unit (ALU):
    - Supports addition, subtraction, and rotation operations.
    - Affects Carry Flag (CF) and Zero Flag (ZF) during arithmetic operations.
    ️· Flags:
    - Carry Flag (CF): Indicates carry/borrow during arithmetic operations. Used for rotation and influenced by the TFCFC and TTSFC instructions.
    - Zero Flag (ZF): Set when an ALU operation results in zero.
    - Status Flag (SF): Initialized to "1" after reset, affected by branch instructions and system status.
    ️· Memory Addressing: Supports direct memory access using HL register and the SP.
    ️· Input/Output (I/O) Ports: L register can be used as a pointer to select bits of I/O ports (P4.0 when LR=0).

    3. Detailed Section Summaries

    ️· Clock and Timing Generator: Describes the dual-clock system and options for crystal or RC oscillators.
    ️· Registers (HL, SP, DP): Outlines their specific functions and associated instructions.
    ️· ALU: Explains arithmetic and logical operations.
    ️· Flags (CF, ZF, SF): Describes their role in operations and how they are affected.
    ️· I/O Port Control: The bit selection using L register.

    4. Instructions (Examples)

    ️· `LDL #k`: Load immediate value into L register.
    ️· `LDH #k`: Load immediate value into H register.
    ️· `STASP`: Store accumulator to stack pointer.
    ️· `LDASP`: Load stack pointer to accumulator.
    ️· `SEPL`: Sets a bit of port4 based on the bits of L register.

    5. Intended Use

    ️· Primarily targeted for LCD control applications.
    ️· Suitable for general-purpose embedded systems.

    Key Strengths Highlighted by Document:

    ️· Flexibility: Dual-clock system and versatile register usage.
    ️· Efficiency: Stack-based architecture for subroutine management.
    ️· Control: Detailed flag system for precise control over operations.

    Document Overview: EM73C63 Microcontroller Specifications

    This document details the specifications for the EM73C63 microcontroller, targeted towards LCD applications. It provides an overview of its architecture, features, and functionalities. The document is structured into sections covering various components and their roles.

    1. Core Architecture & Features

    ️· 4-Bit Microcontroller: Designed for LCD control and other embedded applications.
    ️· Dual Clock System: Supports both high-frequency (480 KHz - 4 MHz) and low-frequency oscillators (32 KHz).
    ️· Stack-Based Architecture: Uses a stack for subroutine calls and data handling.

    2. Key Components & Functionality

    ️· Registers:
    - HL Register: Used as a pair of pointers for RAM memory access and as temporary data registers.
    - Stack Pointer (SP): Indicates the current stack level; managed automatically during subroutine calls. `LDASP` and `STASP` instructions handle data transfers.
    - Data Pointer (DP): Used for access to ROM data.
    ️· Arithmetic Logic Unit (ALU):
    - Supports addition, subtraction, and rotation operations.
    - Affects Carry Flag (CF) and Zero Flag (ZF) during arithmetic operations.
    ️· Flags:
    - Carry Flag (CF): Indicates carry/borrow during arithmetic operations. Used for rotation and influenced by the TFCFC and TTSFC instructions.
    - Zero Flag (ZF): Set when an ALU operation results in zero.
    - Status Flag (SF): Initialized to "1" after reset, affected by branch instructions and system status.
    ️· Memory Addressing: Supports direct memory access using HL register and the SP.
    ️· Input/Output (I/O) Ports: L register can be used as a pointer to select bits of I/O ports (P4.0 when LR=0).

    3. Detailed Section Summaries

    ️· Clock and Timing Generator: Describes the dual-clock system and options for crystal or RC oscillators.
    ️· Registers (HL, SP, DP): Outlines their specific functions and associated instructions.
    ️· ALU: Explains arithmetic and logical operations.
    ️· Flags (CF, ZF, SF): Describes their role in operations and how they are affected.
    ️· I/O Port Control: The bit selection using L register.

    4. Instructions (Examples)

    ️· `LDL #k`: Load immediate value into L register.
    ️· `LDH #k`: Load immediate value into H register.
    ️· `STASP`: Store accumulator to stack pointer.
    ️· `LDASP`: Load stack pointer to accumulator.
    ️· `SEPL`: Sets a bit of port4 based on the bits of L register.

    5. Intended Use

    ️· Primarily targeted for LCD control applications.
    ️· Suitable for general-purpose embedded systems.

    Key Strengths Highlighted by Document:

    ️· Flexibility: Dual-clock system and versatile register usage.
    ️· Efficiency: Stack-based architecture for subroutine management.
    ️· Control: Detailed flag system for precise control over operations.

    Part No.EM73C63
    ManufacturerEMC
    Size220 Kbytes
    Pages40 pages
    Description4-BIT MICRO-CONTROLLER FOR LCD PRODUCT