| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about EC30QSA065 Datasheet
# Example questions:
➢ What is the thermal resistance from junction to ambient when this diode is mounted on an alumina substrate?
➢ What is the maximum repetitive peak reverse voltage this schottky barrier diode can withstand?
➢ How does the average rectified forward current change when the lead temperature is 92°c compared to a lead temperature of 26°c?
# EC30QSA065 - 3A Avg. 65V SBD
## Electrical/Thermal Characteristics
️· Repetitive Peak Reverse Voltage (VRRM): 65V
️· Average Rectified Forward Current (IO) @ 50Hz, Resistive Load:
- Ta = 26°C, V = 30V, RM = 1.6A
- Tl = 92°C, V = 30V, RM = 3.0A
️· Real Effective Forward Current (IF(RMS)): 4.71A
️· Surge Forward Current (IFSM): 60A
️· Operating Junction Temperature Range (Tj): -40 to +150°C
️· Storage Temperature Range (Tstg): -40 to +150°C
️· Peak Reverse Current (IRM) @ Tj = 25°C, VRM = 65V: ≤ 300μA
️· Peak Forward Voltage (VFM) @ Tj = 25°C, IFM = 3A: ≤ 0.61V
️· Thermal Resistance (Rth(j-a), Junction to Ambient): ≤ 108 °C/W (Alumina substrate mounted)
️· Thermal Resistance (Rth(j-l), Junction to Lead): ≤ 23 °C/W
## Physical Characteristics
️· Approx. Net Weight: 0.06 g
️· Outline Drawing: Provided (dimensions not specified)
# EC30QSA065 - 3A Avg. 65V SBD
## Electrical/Thermal Characteristics
️· Repetitive Peak Reverse Voltage (VRRM): 65V
️· Average Rectified Forward Current (IO) @ 50Hz, Resistive Load:
- Ta = 26°C, V = 30V, RM = 1.6A
- Tl = 92°C, V = 30V, RM = 3.0A
️· Real Effective Forward Current (IF(RMS)): 4.71A
️· Surge Forward Current (IFSM): 60A
️· Operating Junction Temperature Range (Tj): -40 to +150°C
️· Storage Temperature Range (Tstg): -40 to +150°C
️· Peak Reverse Current (IRM) @ Tj = 25°C, VRM = 65V: ≤ 300μA
️· Peak Forward Voltage (VFM) @ Tj = 25°C, IFM = 3A: ≤ 0.61V
️· Thermal Resistance (Rth(j-a), Junction to Ambient): ≤ 108 °C/W (Alumina substrate mounted)
️· Thermal Resistance (Rth(j-l), Junction to Lead): ≤ 23 °C/W
## Physical Characteristics
️· Approx. Net Weight: 0.06 g
️· Outline Drawing: Provided (dimensions not specified)
| Part No. | EC30QSA065 |
| Manufacturer | NIEC |
| Size | 406 Kbytes |
| Pages | 1 page |
| Description | SBD |