| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about IR3536 Datasheet
# Example questions:
➢ What are the primary functions of the 'sv_clk', 'sv_dio', and 'smb_alert' signals?
➢ What distinguishes the chl8328/ir3538 from the chl8326/ir3536 based on the functional block diagram (figure 5)?
➢ What are the different packing options available for the ir3536, and how many units are included in each?
1. Products & Variants:
️· IR3536 & CHL8326: Lower-end or smaller-scale solution.
️· IR3538 & CHL8328: Higher-end or more feature-rich solution (larger package).
️· These devices are primarily Power Management ICs.
️· Programming Options: Some variants offer customer-specific configurations via a Configuration File ID (e.g., "Mxxyy"). The customer ID is noted by "xx", and the Configuration File ID is "yy".
2. Package Information (QFN - Quad Flat No-Lead):
️· IR3536 & CHL8326:
- Package: QFN
- Packing:
■ Tape and Reel (TR): 3000 units
■ Tray (TY): 2600 units
️· IR3538 & CHL8328:
- Package: QFN
- Packing:
■ Tape and Reel (T): 3000 units
■ Tray (TY): 2600 units
■ Some parts offer customer configuration.
3. Key Functional Blocks and Signals (from the Functional Block Diagram):
️· Power Rails: VCC, V18A, VSEN, VRTN. These are typical power and ground connections.
️· Sense and Control Loops: RCSP, RSCM, VSEN_L2, VRTN_L2. Indicate feedback and control mechanisms for power regulation.
️· PWM Outputs: PWM1 through PWM8. These outputs are used to drive external MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) to regulate voltage. The number of PWMs suggests a potentially complex power delivery system.
️· I/O: ISEN1 through ISENz, IRTN1 through IRTNz: Current sense and return connections related to power delivery
️· SMB Interface: SMB_DIO, SMB_CLK, SMB_ALERT: Serial Management Bus for communication and control.
️· PSI Interface: PSI: Power Sequencing Interface, for power-up sequencing and monitoring.
️· VR_READY, PWRGD: Signals indicating the power rail is stable and operating correctly.
️· GPO_A, GPO_B: General Purpose Outputs.
️· SV_CLK, SV_DIO, SV_ALERT: Serial Voltage interface for voltage and control.
4. Pinout Information:
The descriptions refer to several pins including:
️· VINSEN: Voltage input sense
️· RCSP, RSCM, VSEN, VRTN, and others which suggest the components are part of a complex power management system.
5. Modes of Operation
️· The documents refer to Intel/MPoL mode and AMD mode.
Summary Table
| Feature | IR3536 / CHL8326 | IR3538 / CHL8328 |
|---|---|---|
| Description | Power Management IC | Power Management IC |
| Package | QFN | QFN |
| Features | Basic Power Delivery | Enhanced Power Delivery, more features, more PWMs |
| Configuration | Limited | Customer-Configurable |
| Modes | Intel/MPoL, AMD | Intel/MPoL, AMD |
1. Products & Variants:
️· IR3536 & CHL8326: Lower-end or smaller-scale solution.
️· IR3538 & CHL8328: Higher-end or more feature-rich solution (larger package).
️· These devices are primarily Power Management ICs.
️· Programming Options: Some variants offer customer-specific configurations via a Configuration File ID (e.g., "Mxxyy"). The customer ID is noted by "xx", and the Configuration File ID is "yy".
2. Package Information (QFN - Quad Flat No-Lead):
️· IR3536 & CHL8326:
- Package: QFN
- Packing:
■ Tape and Reel (TR): 3000 units
■ Tray (TY): 2600 units
️· IR3538 & CHL8328:
- Package: QFN
- Packing:
■ Tape and Reel (T): 3000 units
■ Tray (TY): 2600 units
■ Some parts offer customer configuration.
3. Key Functional Blocks and Signals (from the Functional Block Diagram):
️· Power Rails: VCC, V18A, VSEN, VRTN. These are typical power and ground connections.
️· Sense and Control Loops: RCSP, RSCM, VSEN_L2, VRTN_L2. Indicate feedback and control mechanisms for power regulation.
️· PWM Outputs: PWM1 through PWM8. These outputs are used to drive external MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) to regulate voltage. The number of PWMs suggests a potentially complex power delivery system.
️· I/O: ISEN1 through ISENz, IRTN1 through IRTNz: Current sense and return connections related to power delivery
️· SMB Interface: SMB_DIO, SMB_CLK, SMB_ALERT: Serial Management Bus for communication and control.
️· PSI Interface: PSI: Power Sequencing Interface, for power-up sequencing and monitoring.
️· VR_READY, PWRGD: Signals indicating the power rail is stable and operating correctly.
️· GPO_A, GPO_B: General Purpose Outputs.
️· SV_CLK, SV_DIO, SV_ALERT: Serial Voltage interface for voltage and control.
4. Pinout Information:
The descriptions refer to several pins including:
️· VINSEN: Voltage input sense
️· RCSP, RSCM, VSEN, VRTN, and others which suggest the components are part of a complex power management system.
5. Modes of Operation
️· The documents refer to Intel/MPoL mode and AMD mode.
Summary Table
| Feature | IR3536 / CHL8326 | IR3538 / CHL8328 |
|---|---|---|
| Description | Power Management IC | Power Management IC |
| Package | QFN | QFN |
| Features | Basic Power Delivery | Enhanced Power Delivery, more features, more PWMs |
| Configuration | Limited | Customer-Configurable |
| Modes | Intel/MPoL, AMD | Intel/MPoL, AMD |
| Part No. | IR3536 |
| Manufacturer | IRF |
| Size | 354 Kbytes |
| Pages | 3 pages |
| Description | Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller |