Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP9601JS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SP9601JS Datasheet

  • # Example questions: ➢ What is the typical voltage range for the power supply of this device, based on the documentation?
    ➢ Describe the function of the 'd1' dimension in the mechanical drawing provided.
    ➢ What package types are illustrated in the dimensions section of the documentation?

  • Part No.SP9601JS
    ManufacturerSIPEX
    Size160 Kbytes
    Pages9 pages
    Description12-Bit, Low Power Voltage Output D/A Converter
    Datasheet Summary with AI

    Okay, here's a summary of the information gleaned from the provided text, broken down into key areas. It's a datasheet excerpt for an 8-pin (and potentially 14-pin) integrated circuit (likely a DIP package).

    1. Device Type & Package:

    ️· The document details dimensions for an 8-pin and potentially a 14-pin Dual In-Line Package (DIP).

    2. Key Dimensions (Inches & mm):

    ️· A: Overall package height. Ranges from 0.115" to 0.195" (2.921 mm to 4.953 mm)
    ️· B: Lead thickness. Ranges from 0.014" to 0.022" (0.356 mm to 0.559 mm).
    ️· B1: Lead width. Ranges from 0.045" to 0.070" (1.143 mm to 1.778 mm).
    ️· D: Package width (not clearly stated, but values provided in the table)
    ️· E: Package Length (Ranges from 0.300" to 0.600").

    3. General Notes:

    ️· The document provides both imperial (inches) and metric (mm) measurements.
    ️· Dimensions are given as minimum/maximum values, indicating tolerances.
    ️· The datasheet specifies dimensions for both standard and alternate end pins.
    ️· The text contains a lot of table formatting characters and it's not a clean text extraction.


    4. Implied Device:

    ️· Based on the package type and provided information, it's very likely a standard integrated circuit (IC). However, the datasheet excerpt doesn't state the *function* of the IC.



    In essence, this document is a mechanical drawing/datasheet excerpt for the physical packaging of an electronic component, providing dimensions for PCB layout and mechanical integration.

    1. Device Type & Package:

    ️· The document details dimensions for an 8-pin and potentially a 14-pin Dual In-Line Package (DIP).

    2. Key Dimensions (Inches & mm):

    ️· A: Overall package height. Ranges from 0.115" to 0.195" (2.921 mm to 4.953 mm)
    ️· B: Lead thickness. Ranges from 0.014" to 0.022" (0.356 mm to 0.559 mm).
    ️· B1: Lead width. Ranges from 0.045" to 0.070" (1.143 mm to 1.778 mm).
    ️· D: Package width (not clearly stated, but values provided in the table)
    ️· E: Package Length (Ranges from 0.300" to 0.600").

    3. General Notes:

    ️· The document provides both imperial (inches) and metric (mm) measurements.
    ️· Dimensions are given as minimum/maximum values, indicating tolerances.
    ️· The datasheet specifies dimensions for both standard and alternate end pins.
    ️· The text contains a lot of table formatting characters and it's not a clean text extraction.

    4. Implied Device:

    ️· Based on the package type and provided information, it's very likely a standard integrated circuit (IC). However, the datasheet excerpt doesn't state the *function* of the IC.



    In essence, this document is a mechanical drawing/datasheet excerpt for the physical packaging of an electronic component, providing dimensions for PCB layout and mechanical integration.

    Part No.SP9601JS
    ManufacturerSIPEX
    Size160 Kbytes
    Pages9 pages
    Description12-Bit, Low Power Voltage Output D/A Converter