Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP9600JS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SP9600JS Datasheet

  • # Example questions: ➢ What is the minimum value for dimension 'l' as specified in the document?
    ➢ What are the possible values for the lead angle 'ø'?
    ➢ What is the range for dimension 'd'?

  • Part No.SP9600JS
    ManufacturerSIPEX
    Size166 Kbytes
    Pages9 pages
    Description12-Bit, Low Power Voltage Output D/A Converter
    Datasheet Summary with AI

    This document appears to be a datasheet or technical drawing for a surface-mount package (likely a chip or integrated circuit). It contains dimensional specifications, likely for a component designated with the part number SP9600. Here’s a breakdown of the information:

    Key Information & Dimensions:

    ️· Part Number: SP9600 (and potentially related variants like DS/04)
    ️· Description: 12-Bit, Low Power Voltage Output D/A Converter (as noted in the very bottom text)
    ️· Dimensions are in inches and millimeters (implied).
    ️· Key dimensions are listed with minimum/maximum values. This is standard practice to allow for some manufacturing tolerance.
    ️· D: Overall Length – 0.735/0.775 inches (or approximately 18.669 to 19.685 mm)
    ️· E: Overall Width – 0.300/0.325 inches (or approximately 7.620 to 8.255 mm)
    ️· E1: A smaller dimension within the overall width - 0.240/0.280 inches (or approximately 6.096 to 7.112 mm)
    ️· L: Lead/Pad length - 0.115/0.150 inches (or approximately 2.921 to 3.810 mm)
    ️· Ø: Pad/Lead Angle - 0° to 15° (This indicates a slight chamfer or angle on the pads)

    Other Important Specifications:

    ️· Lead Pitch: Not explicitly called out but implied by the arrangement of dimensions.
    ️· Pad Shape: Square or rectangular pads.
    ️· Package Style: Appears to be a small outline package (SOP) or similar surface-mount package.
    ️· Tolerance: The dimension listing with min/max values describes the dimensional tolerance of the package.


    Overall, this document is a technical drawing providing the physical dimensions and some features of a SP9600 integrated circuit package, crucial for PCB layout and manufacturing.

    Key Information & Dimensions:

    ️· Part Number: SP9600 (and potentially related variants like DS/04)
    ️· Description: 12-Bit, Low Power Voltage Output D/A Converter (as noted in the very bottom text)
    ️· Dimensions are in inches and millimeters (implied).
    ️· Key dimensions are listed with minimum/maximum values. This is standard practice to allow for some manufacturing tolerance.
    ️· D: Overall Length – 0.735/0.775 inches (or approximately 18.669 to 19.685 mm)
    ️· E: Overall Width – 0.300/0.325 inches (or approximately 7.620 to 8.255 mm)
    ️· E1: A smaller dimension within the overall width - 0.240/0.280 inches (or approximately 6.096 to 7.112 mm)
    ️· L: Lead/Pad length - 0.115/0.150 inches (or approximately 2.921 to 3.810 mm)
    ️· Ø: Pad/Lead Angle - 0° to 15° (This indicates a slight chamfer or angle on the pads)

    Other Important Specifications:

    ️· Lead Pitch: Not explicitly called out but implied by the arrangement of dimensions.
    ️· Pad Shape: Square or rectangular pads.
    ️· Package Style: Appears to be a small outline package (SOP) or similar surface-mount package.
    ️· Tolerance: The dimension listing with min/max values describes the dimensional tolerance of the package.

    Overall, this document is a technical drawing providing the physical dimensions and some features of a SP9600 integrated circuit package, crucial for PCB layout and manufacturing.

    Part No.SP9600JS
    ManufacturerSIPEX
    Size166 Kbytes
    Pages9 pages
    Description12-Bit, Low Power Voltage Output D/A Converter