Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS386 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AMS386 Datasheet

  • # Example questions: ➢ What is the maximum allowable supply voltage for this ic?
    ➢ What is the bandwidth of this ic when the supply voltage is 6v and pins 1 and 8 are open?
    ➢ What is the typical quiescent current when the supply voltage is 6v and the input voltage is 0v?

  • Part No.AMS386
    ManufacturerAMS
    Size202 Kbytes
    Pages2 pages
    DescriptionSingle Supply Operational Amplifiers
    Datasheet Summary with AI

    # AMS386 Single Supply Operational Amplifier

    ## Features

    ️· Battery operation
    ️· Minimum external parts required
    ️· Wide supply voltage range: 5V-18V
    ️· Low quiescent current drain: 4 mA
    ️· Voltage gains from 20 to 200
    ️· Ground referenced input
    ️· Self-centering output quiescent voltage
    ️· Low distortion

    ## Absolute Maximum Ratings

    Parameter Symbol Rating Unit
    Supply Voltage (VCC) 22 V
    Package Dissipation (PD) 1.25 W
    Input Voltage (VI) 0.4 V
    Storage Temperature (TSTG) -65 to 150 °C
    Operating Temperature (TA) 0 to 70 °C
    Junction Temperature (TJ) +150 °C
    Soldering Information (10sec) +260 °C
    Thermal Resistance (Junction-to-Ambient) (RJA) 172 /W
    Thermal Resistance (Junction-to-Case) (RC) 35 /W

    ## Electrical Characteristics (Ta = 25°C)

    Parameter Symbol Test Conditions Min Typ Max Unit
    Operating Supply Voltage (VS) 5 18 V
    Quiescent Current (IQ) VS = 6V, VIN = 0 4 8 mA
    Output Power (POUT) VS = 16V, RL = 32, THD = 10% 700 1000 mW
    Voltage Gain (AV) VS = 6V, f = 1 kHz, 10 F from Pin 1 to 8 26 46 dB
    Bandwidth (BW) VS = 6V, Pins 1 and 8 Open 300 kHz
    Total Harmonic Distortion (THD) VS = 6V, RL = 8, POUT = 125 mW, f = 1 kHz, Pins 1 and 8 Open 0.2 %
    Power Supply Rejection Ratio (PSRR) VS = 6V, f = 1 kHz, CBYPASS = 10 F, Pins 1 and 8 Open, Referred to Output 50 dB
    Input Resistance (RIN) 50
    Input Bias Current (IBIAS) VS = 6V, Pins 2 and 3 Open 250 nA

    # AMS386 Single Supply Operational Amplifier

    ## Features

    ️· Battery operation
    ️· Minimum external parts required
    ️· Wide supply voltage range: 5V-18V
    ️· Low quiescent current drain: 4 mA
    ️· Voltage gains from 20 to 200
    ️· Ground referenced input
    ️· Self-centering output quiescent voltage
    ️· Low distortion

    ## Absolute Maximum Ratings

    Parameter Symbol Rating Unit
    Supply Voltage (VCC) 22 V
    Package Dissipation (PD) 1.25 W
    Input Voltage (VI) 0.4 V
    Storage Temperature (TSTG) -65 to 150 °C
    Operating Temperature (TA) 0 to 70 °C
    Junction Temperature (TJ) +150 °C
    Soldering Information (10sec) +260 °C
    Thermal Resistance (Junction-to-Ambient) (RJA) 172 /W
    Thermal Resistance (Junction-to-Case) (RC) 35 /W

    ## Electrical Characteristics (Ta = 25°C)

    Parameter Symbol Test Conditions Min Typ Max Unit
    Operating Supply Voltage (VS) 5 18 V
    Quiescent Current (IQ) VS = 6V, VIN = 0 4 8 mA
    Output Power (POUT) VS = 16V, RL = 32, THD = 10% 700 1000 mW
    Voltage Gain (AV) VS = 6V, f = 1 kHz, 10 F from Pin 1 to 8 26 46 dB
    Bandwidth (BW) VS = 6V, Pins 1 and 8 Open 300 kHz
    Total Harmonic Distortion (THD) VS = 6V, RL = 8, POUT = 125 mW, f = 1 kHz, Pins 1 and 8 Open 0.2 %
    Power Supply Rejection Ratio (PSRR) VS = 6V, f = 1 kHz, CBYPASS = 10 F, Pins 1 and 8 Open, Referred to Output 50 dB
    Input Resistance (RIN) 50
    Input Bias Current (IBIAS) VS = 6V, Pins 2 and 3 Open 250 nA

    Part No.AMS386
    ManufacturerAMS
    Size202 Kbytes
    Pages2 pages
    DescriptionSingle Supply Operational Amplifiers