Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1530 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AS1530 Datasheet

  • # Example questions: ➢ What is the typical aperture jitter (taj) for both the as1530 and as1531?
    ➢ What is the difference in full-power bandwidth between the as1530 and as1531?
    ➢ What are the minimum and maximum ref output voltages at a temperature of +25°c?

  • Part No.AS1530
    ManufacturerAMSCO
    Size1Mb
    Pages29 pages
    Description12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
    Datasheet Summary with AI

    AS1530 (Higher Performance, 300ksps)

    ️· Resolution: 12 bits
    ️· Sampling Rate: 300 ksps (kilo samples per second)
    ️· Clock Frequency: 4.8 MHz
    ️· Input Voltage Range: 0 to VDD1 (likely 3.3V or 5V, but check datasheet for precise value).
    ️· SINAD (Signal-to-Noise and Distortion): 70 dB
    ️· THD (Total Harmonic Distortion): -81 dB
    ️· SFDR (Spurious Free Dynamic Range): 84 dB
    ️· Full-Power Bandwidth: 6 MHz
    ️· Full Linear Bandwidth (SINAD > 68dB): 350 kHz
    ️· Conversion Time: 3.3 µs (microseconds)
    ️· Track/Hold Acquisition Time: 520 ns (nanoseconds)
    ️· Supply Voltage: VDD1 = VDD2 = VDD3 (likely around +5V, but check datasheet)
    ️· Key Features: Optimized for higher resolution and dynamic performance.

    AS1531 (Lower Power, 300ksps)

    ️· Resolution: 12 bits
    ️· Sampling Rate: 300 ksps
    ️· Clock Frequency: 4.8 MHz
    ️· Input Voltage Range: 0 to VREF (likely around 2.5V).
    ️· SINAD: 70 dB
    ️· THD: -81 dB
    ️· SFDR: 84 dB
    ️· Full-Power Bandwidth: 6 MHz
    ️· Full Linear Bandwidth (SINAD > 68dB): 350 kHz
    ️· Conversion Time: 3.3 µs
    ️· Track/Hold Acquisition Time: 520 ns
    ️· Supply Voltage: VDD1 = VDD2 = VDD3 (likely around +3.3V or +3.6V, but check datasheet)
    ️· Key Features: Designed for lower power consumption; good compromise between performance and efficiency.

    Comparison Table:

    Feature AS1530 AS1531
    Supply Voltage ~5V ~3.3 - 3.6V
    Operating Temperature Varies, check datasheet Varies, check datasheet
    Dynamic Specs (SINAD/SFDR) Similar Similar
    Power Consumption Higher Lower

    Important Notes:

    ️· Data Sheet is Key: These specs are a summary. Always refer to the full data sheets for complete details, absolute maximum ratings, typical operating conditions, and any application notes.
    ️· Voltage Ranges: The exact voltage ranges for the analog inputs are crucial for proper operation.
    ️· Power Consumption: A crucial factor when choosing between these two ADCs.
    ️· Application Specifics: The choice between the AS1530 and AS1531 depends on the specific application requirements.

    AS1530 (Higher Performance, 300ksps)

    ️· Resolution: 12 bits
    ️· Sampling Rate: 300 ksps (kilo samples per second)
    ️· Clock Frequency: 4.8 MHz
    ️· Input Voltage Range: 0 to VDD1 (likely 3.3V or 5V, but check datasheet for precise value).
    ️· SINAD (Signal-to-Noise and Distortion): 70 dB
    ️· THD (Total Harmonic Distortion): -81 dB
    ️· SFDR (Spurious Free Dynamic Range): 84 dB
    ️· Full-Power Bandwidth: 6 MHz
    ️· Full Linear Bandwidth (SINAD > 68dB): 350 kHz
    ️· Conversion Time: 3.3 µs (microseconds)
    ️· Track/Hold Acquisition Time: 520 ns (nanoseconds)
    ️· Supply Voltage: VDD1 = VDD2 = VDD3 (likely around +5V, but check datasheet)
    ️· Key Features: Optimized for higher resolution and dynamic performance.

    AS1531 (Lower Power, 300ksps)

    ️· Resolution: 12 bits
    ️· Sampling Rate: 300 ksps
    ️· Clock Frequency: 4.8 MHz
    ️· Input Voltage Range: 0 to VREF (likely around 2.5V).
    ️· SINAD: 70 dB
    ️· THD: -81 dB
    ️· SFDR: 84 dB
    ️· Full-Power Bandwidth: 6 MHz
    ️· Full Linear Bandwidth (SINAD > 68dB): 350 kHz
    ️· Conversion Time: 3.3 µs
    ️· Track/Hold Acquisition Time: 520 ns
    ️· Supply Voltage: VDD1 = VDD2 = VDD3 (likely around +3.3V or +3.6V, but check datasheet)
    ️· Key Features: Designed for lower power consumption; good compromise between performance and efficiency.

    Comparison Table:

    Feature AS1530 AS1531
    Supply Voltage ~5V ~3.3 - 3.6V
    Operating Temperature Varies, check datasheet Varies, check datasheet
    Dynamic Specs (SINAD/SFDR) Similar Similar
    Power Consumption Higher Lower

    Important Notes:

    ️· Data Sheet is Key: These specs are a summary. Always refer to the full data sheets for complete details, absolute maximum ratings, typical operating conditions, and any application notes.
    ️· Voltage Ranges: The exact voltage ranges for the analog inputs are crucial for proper operation.
    ️· Power Consumption: A crucial factor when choosing between these two ADCs.
    ️· Application Specifics: The choice between the AS1530 and AS1531 depends on the specific application requirements.

    Part No.AS1530
    ManufacturerAMSCO
    Size1Mb
    Pages29 pages
    Description12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters