Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AL160815NJL Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AL160815NJL Datasheet

  • # Example questions: ➢ What is the dc resistance (max) for the al160856njl□□□ inductor?
    ➢ What test frequency (mhz) is used for the srf minimum specification for all listed inductors?
    ➢ What is the rated current for the inductor with part number al16082n2dl□□□?

  • Part No.AL160815NJL
    ManufacturerABC
    Size85 Kbytes
    Pages5 pages
    DescriptionTHIN FILM CHIP INDUCTOR
    Datasheet Summary with AI

    Here's a breakdown of the information and a summary:

    1. Overall Structure:

    ️· Table Format: The information is presented in a tabular format, with multiple rows representing individual inductor models.
    ️· Datasheet Sections: The structure suggests sections for:
    - Product Identification (Model Number - implied)
    - Electrical Characteristics
    - Physical Characteristics (not explicitly shown, but model numbers might relate to size/shape)
    - Test Conditions (Test Frequency, SRF (Self-Resonant Frequency), Q (Quality Factor))

    2. Key Columns & What They Represent (Based on context clues):


    ️· Model Number: (Implied - This would be the unique identifier for each inductor). The text includes model numbers like "AL160868NJL□-□□□" and "AL16081N0DL□-□□□".
    ️· Inductance (nH): The value of inductance in nanoHenries.
    ️· % Tolerance: The allowable variation from the nominal inductance value.
    ️· Test Frequency (MHz): The frequency at which the inductance and other electrical parameters were measured.
    ️· SRF (Self-Resonant Frequency) (GHz): The frequency at which the inductor's internal capacitance causes it to resonate, significantly reducing inductance. Higher SRF values are generally desirable.
    ️· Q (Quality Factor): A measure of the inductor's efficiency. Higher Q values indicate lower losses.
    ️· Rated Current (mA): The maximum DC current the inductor can handle without saturation or excessive heating.
    ️· DC Resistance (Ω): The resistance of the inductor's coil. Lower values are generally preferred for lower power loss.

    3. Summary of Features/Observations (General):

    ️· Wide Range of Inductances: The inductors offer a range of inductance values (likely from a few nH to a few uH - based on model numbers, there are 0.8uH, 1.0uH, and above 10 uH).
    ️· Variety of Tolerances: The % Tolerance column indicates a variety of allowable deviations, likely affecting suitability for different applications.
    ️· Focus on High Frequency: The test frequencies typically range from 10 MHz to 130 MHz, indicating these are designed for applications involving moderate to high frequencies.
    ️· SRF and Q: These parameters are crucial for high-frequency performance. The SRF value should be significantly higher than the operating frequency, and a high Q is desirable to minimize losses.
    ️· Current Handling: The "Rated Current" column is important for power applications, where the inductor must not saturate or overheat.
    ️· Size Variations: The model numbers probably encode size/footprint information, such as 0805, 0603 or even 1206.

    4. Potential Applications (Inferred):

    Based on these features, these inductors are likely suitable for a variety of applications including:

    ️· RF Circuits: Wireless communication, filters, impedance matching.
    ️· Power Management: DC-DC converters, filtering.
    ️· Signal Processing: Signal conditioning, noise filtering.
    ️· Impedance Matching Networks: Matching antenna impedance to transmission line impedance.
    ️· EMI (Electromagnetic Interference) Filtering
    ️· Mobile Devices: Filters for Cellular, Wi-Fi

    Important Caveats:

    ️· Missing Information: This analysis is based on limited data. A complete datasheet would provide more detail, including:
    - Explicit column labels and units
    - Operating temperature range
    - Packaging information
    - Physical dimensions.
    ️· Model Number Encoding: The precise meaning of the model numbers (e.g., size, core material) is unknown without additional documentation.

    Here's a breakdown of the information and a summary:

    1. Overall Structure:

    ️· Table Format: The information is presented in a tabular format, with multiple rows representing individual inductor models.
    ️· Datasheet Sections: The structure suggests sections for:
    - Product Identification (Model Number - implied)
    - Electrical Characteristics
    - Physical Characteristics (not explicitly shown, but model numbers might relate to size/shape)
    - Test Conditions (Test Frequency, SRF (Self-Resonant Frequency), Q (Quality Factor))

    2. Key Columns & What They Represent (Based on context clues):


    ️· Model Number: (Implied - This would be the unique identifier for each inductor). The text includes model numbers like "AL160868NJL□-□□□" and "AL16081N0DL□-□□□".
    ️· Inductance (nH): The value of inductance in nanoHenries.
    ️· % Tolerance: The allowable variation from the nominal inductance value.
    ️· Test Frequency (MHz): The frequency at which the inductance and other electrical parameters were measured.
    ️· SRF (Self-Resonant Frequency) (GHz): The frequency at which the inductor's internal capacitance causes it to resonate, significantly reducing inductance. Higher SRF values are generally desirable.
    ️· Q (Quality Factor): A measure of the inductor's efficiency. Higher Q values indicate lower losses.
    ️· Rated Current (mA): The maximum DC current the inductor can handle without saturation or excessive heating.
    ️· DC Resistance (Ω): The resistance of the inductor's coil. Lower values are generally preferred for lower power loss.

    3. Summary of Features/Observations (General):

    ️· Wide Range of Inductances: The inductors offer a range of inductance values (likely from a few nH to a few uH - based on model numbers, there are 0.8uH, 1.0uH, and above 10 uH).
    ️· Variety of Tolerances: The % Tolerance column indicates a variety of allowable deviations, likely affecting suitability for different applications.
    ️· Focus on High Frequency: The test frequencies typically range from 10 MHz to 130 MHz, indicating these are designed for applications involving moderate to high frequencies.
    ️· SRF and Q: These parameters are crucial for high-frequency performance. The SRF value should be significantly higher than the operating frequency, and a high Q is desirable to minimize losses.
    ️· Current Handling: The "Rated Current" column is important for power applications, where the inductor must not saturate or overheat.
    ️· Size Variations: The model numbers probably encode size/footprint information, such as 0805, 0603 or even 1206.

    4. Potential Applications (Inferred):

    Based on these features, these inductors are likely suitable for a variety of applications including:

    ️· RF Circuits: Wireless communication, filters, impedance matching.
    ️· Power Management: DC-DC converters, filtering.
    ️· Signal Processing: Signal conditioning, noise filtering.
    ️· Impedance Matching Networks: Matching antenna impedance to transmission line impedance.
    ️· EMI (Electromagnetic Interference) Filtering
    ️· Mobile Devices: Filters for Cellular, Wi-Fi

    Important Caveats:

    ️· Missing Information: This analysis is based on limited data. A complete datasheet would provide more detail, including:
    - Explicit column labels and units
    - Operating temperature range
    - Packaging information
    - Physical dimensions.
    ️· Model Number Encoding: The precise meaning of the model numbers (e.g., size, core material) is unknown without additional documentation.

    Part No.AL160815NJL
    ManufacturerABC
    Size85 Kbytes
    Pages5 pages
    DescriptionTHIN FILM CHIP INDUCTOR