Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB634 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SB634 Datasheet

  • # Example questions: ➢ How much continuous collector current (ic) can this transistor handle under normal operating conditions?
    ➢ Which storage temperature range is specified for the 2sb634 transistor?
    ➢ What is the minimum collector-emitter breakdown voltage (v(br)ceo) for this transistor?

  • Part No.2SB634
    ManufacturerISC
    Size211 Kbytes
    Pages2 pages
    DescriptionSilicon PNP Power Transistor
    Datasheet Summary with AI

    # isc Silicon PNP Power Transistor 2SB634

    ## Description

    · Collector-Emitter Breakdown Voltage: V(BR)CEO = -100V (Min)
    · High Power Dissipation

    ## Applications

    · Designed for low frequency power amplifier applications.

    ## Absolute Maximum Ratings (Ta=25℃)

    · VCBO: -120 V (Collector-Base Voltage)
    · VCEO: -120 V (Collector-Emitter Voltage)
    · VEBO: -6 V (Emitter-Base Voltage)
    · IC (Continuous Collector Current): -7 A
    · ICM (Peak Collector Current): -10 A
    · PC (Collector Power Dissipation): 60 W @ TC=25℃
    · TJ (Junction Temperature): 150 ℃
    · Tstg (Storage Temperature Range): -55~150 ℃

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    · V(BR)CBO (Collector-Base Breakdown Voltage): -120 V (IC= -5mA; IE= 0)
    · V(BR)CEO (Collector-Emitter Breakdown Voltage): -120 V (IC= -50mA; RBE= ∞)
    · V(BR)EBO (Emitter-Base Breakdown Voltage): -6 V (IE= -5mA; IC= 0)
    · VCE(sat) (Collector-Emitter Saturation Voltage): -1.5 V (IC= -3A; IB= -0.3A)
    · ICBO (Collector Cutoff Current): -0.1 mA (VCB= -80V; IE= 0)
    · IEBO (Emitter Cutoff Current): -0.1 mA (VEB= -4V; IC= 0)
    · hFE-1 (DC Current Gain): 40-320 (IC= -1A; VCE= -5V)
    · hFE-2 (DC Current Gain): 20 (IC= -3A; VCE= -5V)
    · fT (Current-Gain—Bandwidth Product): 15 MHz (IC= -1A; VCE= -5V)

    ## hFE-1 Classifications

    C D E F
    40-80 60-120 100-200 160-320

    ## Website
    · www.iscsemi.cn

    # isc Silicon PNP Power Transistor 2SB634

    ## Description

    · Collector-Emitter Breakdown Voltage: V(BR)CEO = -100V (Min)
    · High Power Dissipation

    ## Applications

    · Designed for low frequency power amplifier applications.

    ## Absolute Maximum Ratings (Ta=25℃)

    · VCBO: -120 V (Collector-Base Voltage)
    · VCEO: -120 V (Collector-Emitter Voltage)
    · VEBO: -6 V (Emitter-Base Voltage)
    · IC (Continuous Collector Current): -7 A
    · ICM (Peak Collector Current): -10 A
    · PC (Collector Power Dissipation): 60 W @ TC=25℃
    · TJ (Junction Temperature): 150 ℃
    · Tstg (Storage Temperature Range): -55~150 ℃

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    · V(BR)CBO (Collector-Base Breakdown Voltage): -120 V (IC= -5mA; IE= 0)
    · V(BR)CEO (Collector-Emitter Breakdown Voltage): -120 V (IC= -50mA; RBE= ∞)
    · V(BR)EBO (Emitter-Base Breakdown Voltage): -6 V (IE= -5mA; IC= 0)
    · VCE(sat) (Collector-Emitter Saturation Voltage): -1.5 V (IC= -3A; IB= -0.3A)
    · ICBO (Collector Cutoff Current): -0.1 mA (VCB= -80V; IE= 0)
    · IEBO (Emitter Cutoff Current): -0.1 mA (VEB= -4V; IC= 0)
    · hFE-1 (DC Current Gain): 40-320 (IC= -1A; VCE= -5V)
    · hFE-2 (DC Current Gain): 20 (IC= -3A; VCE= -5V)
    · fT (Current-Gain—Bandwidth Product): 15 MHz (IC= -1A; VCE= -5V)

    ## hFE-1 Classifications

    C D E F
    40-80 60-120 100-200 160-320

    ## Website
    · www.iscsemi.cn

    Part No.2SB634
    ManufacturerISC
    Size211 Kbytes
    Pages2 pages
    DescriptionSilicon PNP Power Transistor