| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSAM-3-0.5B Datasheet
# Example questions:
➢ Which connector type is used for the psam series phase shifters?
➢ What is the maximum input power allowed for the psam series phase shifters?
➢ How does the phase stability differ between the psam-3 and psam-4 series?
# PSAM Series PHASE SHIFTERS, ANALOG
## General Specifications
️· Frequency Range: 500 to 2500 MHz
️· Phase Shift Range:
- PSAM-3: 0° to 180°
- PSAM-4: 0° to 360° (cascaded 180° phase shifters)
️· Bandwidth: 10% of f₀ (center frequency)
️· Voltage Control: 0 to +30V
️· Impedance: 50 Ω nominal
️· Connectors: SMA Female
️· Operating Temperature: -55°C to +85°C
️· Weight: 4 oz (112 g) nominal
## Performance Characteristics
️· Insertion Loss:
- PSAM-3 @ 1 GHz: 3 dB typ.
- PSAM-3 @ 2.5 GHz: 4 dB typ.
- PSAM-4 @ 1 GHz: 4 dB typ.
- PSAM-4 @ 2.5 GHz: 6 dB typ.
️· VSWR:
- PSAM-3: 2.0:1 max.
- PSAM-4: 2.5:1 max.
️· Input Power: 0 dBm max (can operate at +10 dBm with reduced control range)
️· Phase Stability:
- PSAM-3: 0.1° per °C
- PSAM-4: 0.2° per °C
## Model Information
️· Model Number Format: PSAM-\*-*B
- \*** = Desired Center Frequency (f₀) in MHz
️· Example: PSAM-3-1000B (1000 MHz center frequency, 180° phase shift)
## Technology
️· Filmbrid quadrature hybrids with varactor-tuned LC networks.
️· Varactor networks act as sliding short circuits, delaying reflected signals.
## Available Options
️· Lower frequencies: PSEM series
️· Flatpack Version: PEF series
️· Screened for military and space applications.
# PSAM Series PHASE SHIFTERS, ANALOG
## General Specifications
️· Frequency Range: 500 to 2500 MHz
️· Phase Shift Range:
- PSAM-3: 0° to 180°
- PSAM-4: 0° to 360° (cascaded 180° phase shifters)
️· Bandwidth: 10% of f₀ (center frequency)
️· Voltage Control: 0 to +30V
️· Impedance: 50 Ω nominal
️· Connectors: SMA Female
️· Operating Temperature: -55°C to +85°C
️· Weight: 4 oz (112 g) nominal
## Performance Characteristics
️· Insertion Loss:
- PSAM-3 @ 1 GHz: 3 dB typ.
- PSAM-3 @ 2.5 GHz: 4 dB typ.
- PSAM-4 @ 1 GHz: 4 dB typ.
- PSAM-4 @ 2.5 GHz: 6 dB typ.
️· VSWR:
- PSAM-3: 2.0:1 max.
- PSAM-4: 2.5:1 max.
️· Input Power: 0 dBm max (can operate at +10 dBm with reduced control range)
️· Phase Stability:
- PSAM-3: 0.1° per °C
- PSAM-4: 0.2° per °C
## Model Information
️· Model Number Format: PSAM-\*-*B
- \*** = Desired Center Frequency (f₀) in MHz
️· Example: PSAM-3-1000B (1000 MHz center frequency, 180° phase shift)
## Technology
️· Filmbrid quadrature hybrids with varactor-tuned LC networks.
️· Varactor networks act as sliding short circuits, delaying reflected signals.
## Available Options
️· Lower frequencies: PSEM series
️· Flatpack Version: PEF series
️· Screened for military and space applications.
| Part No. | PSAM-3-0.5B |
| Manufacturer | MERRIMAC |
| Size | 78 Kbytes |
| Pages | 1 page |
| Description | PHASE SHIFTERS, ANALOG |