Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RTD Datasheet

  • # Example questions: ➢ When ordering a cable with connectors, what information is needed to correctly specify the desired configuration using the model number format?
    ➢ How does the temperature range differ between the recu, gecu, and tecu cable types, and which cable is suitable for the highest temperature applications?
    ➢ What are the available initial lengths for the retractable cables, and what does the 5:1 stretch ratio signify?

  • Part No.RTD
    ManufacturerOMEGA
    Size1Mb
    Pages1 page
    DescriptionRTD and Thermistor Extension Cables
    Datasheet Summary with AI

    # RTD and Thermistor Extension Cables

    ## Cable Types & Features

    ️· RECU: Retractable extension cables, TPE jacketed. 1' or 4' unstretched length. Temperature range -30 to 150ºC, 5:1 expansion ratio.
    ️· GECU: Fiberglass insulated and jacketed cables. Temperature range -73 to 482ºC.
    ️· TECU: PFA insulated and jacketed cables. Temperature range 267 to 260ºC.
    ️· U: Designates retractable cables with initial lengths of 12" and 4'.
    ️· U: Set-length extension cables available in 10' and 25'.
    ️· 3-conductor cables are standard.
    ️· 2-conductor cables available when ordered with 2-pin connectors.
    ️· 3 standard cable constructions are available.
    ️· Standard, mini, and audio connectors are available.

    ## Connector Codes

    | Code | Description |
    |---|---|
    | OTP-U-M | 3-lead standard male |
    | OTP-U-F | 3-lead standard female |

    | MTP-U-M | 3-lead miniature male |
    | MTP-U-F | 3-lead miniature female |
    | OST-U-M | 2-lead standard male |
    | OST-U-F | 2-lead standard female |
    | SMP-U-M | 2-lead miniature male |
    | SMP-U-F | 2-lead miniature female |
    | TA3M | T Series, male (additional cost) |
    | TA3F | T Series, female (additional cost) |

    ## Ordering Information

    ️· Model Numbers: RECU1-(*)-(*), RECU4-(*)-(*), GECU10-(*)-(*), GECU25-(*)-(*), TECU10-(*)-(*), TECU25(*)-(*)
    ️· Connectors are indicated by insertion of connection codes.
    ️· Example 1: RECU1-MTP-U-F-MTP-U-M (RECU1 cable with male MTP and female MTP connectors)
    ️· Example 2: TECU10-TA3F-TA3M (PFA insulated cable, 10' long with TA3M and TA3F connectors)

    # RTD and Thermistor Extension Cables

    ## Cable Types & Features

    ️· RECU: Retractable extension cables, TPE jacketed. 1' or 4' unstretched length. Temperature range -30 to 150ºC, 5:1 expansion ratio.
    ️· GECU: Fiberglass insulated and jacketed cables. Temperature range -73 to 482ºC.
    ️· TECU: PFA insulated and jacketed cables. Temperature range 267 to 260ºC.
    ️· U: Designates retractable cables with initial lengths of 12" and 4'.
    ️· U: Set-length extension cables available in 10' and 25'.
    ️· 3-conductor cables are standard.
    ️· 2-conductor cables available when ordered with 2-pin connectors.
    ️· 3 standard cable constructions are available.
    ️· Standard, mini, and audio connectors are available.

    ## Connector Codes

    Code Description
    OTP-U-M 3-lead standard male
    OTP-U-F 3-lead standard female
    MTP-U-M 3-lead miniature male
    MTP-U-F 3-lead miniature female
    OST-U-M 2-lead standard male
    OST-U-F 2-lead standard female
    SMP-U-M 2-lead miniature male
    SMP-U-F 2-lead miniature female
    TA3M T Series, male (additional cost)
    TA3F T Series, female (additional cost)

    ## Ordering Information

    ️· Model Numbers: RECU1-(*)-(*), RECU4-(*)-(*), GECU10-(*)-(*), GECU25-(*)-(*), TECU10-(*)-(*), TECU25(*)-(*)
    ️· Connectors are indicated by insertion of connection codes.
    ️· Example 1: RECU1-MTP-U-F-MTP-U-M (RECU1 cable with male MTP and female MTP connectors)
    ️· Example 2: TECU10-TA3F-TA3M (PFA insulated cable, 10' long with TA3M and TA3F connectors)

    Part No.RTD
    ManufacturerOMEGA
    Size1Mb
    Pages1 page
    DescriptionRTD and Thermistor Extension Cables