Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXFN170N30P Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IXFN170N30P Datasheet

  • # Example questions: ➢ What is the maximum continuous drain current this mosfet can handle at a case temperature of 25°c?
    ➢ How does the thermal resistance, junction-to-case, affect the device's ability to dissipate heat?
    ➢ What is the range of acceptable storage temperatures for this isfm1025 n-channel mosfet?

  • Part No.IXFN170N30P
    ManufacturerISC
    Size563 Kbytes
    Pages3 pages
    DescriptionN-Channel MOSFET
    Datasheet Summary with AI

    # ISFM1025 / IXFN170N30P N-Channel MOSFET

    ## Description

    ️· Type: N-Channel MOSFET
    ️· Drain Current (ID): 138A @ 25°C
    ️· Drain-Source Voltage (VDSS): 300V (min)
    ️· Static Drain-Source On-Resistance (RDS(on)): 18Ω (max) @ VGS=10V

    ## Applications

    ️· DC-DC converters
    ️· Battery chargers
    ️· High-speed power switches

    ## Absolute Maximum Ratings

    ️· VDSS: 300V
    ️· VGSS: ±20V
    ️· ID: 138A
    ️· IDM: 500A
    ️· PD: 890W
    ️· TJ: 150°C
    ️· Tstg: -55~150°C

    ## Thermal Characteristics

    ️· Rthj-c: 0.14 °C/W

    ## Electrical Characteristics

    ️· V(BR)DSS: 300V
    ️· IDSS: 25uA
    ️· IGSS: ±200nA
    ️· VGS(th): 2.5 - 4.5V
    ️· RDS(on): ≤18 mΩ
    ️· VSD: ≤1.3V

    ## Package Dimensions (mm)

    DIM min max
    A 31.40 31.60
    B 7.70 8.10
    C 4.20 4.40
    D 4.20 4.40
    E 4.10 4.40
    F 14.90 15.10
    G 30.10 30.30
    H 38.00 38.40
    J 12.00 12.60
    K 9.35 9.65
    L 0.74 0.84
    M 12.30 12.70
    N 24.40 25.00
    0 1.90 2.10
    P 2.92 3.32
    Q 26.60 27.00
    R 3.80 4.20
    S 4.95 5.45
    T 23.70 24.30
    U 0 0.10
    V 3.50 5.50
    W 20.15 20.45
    Z 2.50 2.70

    ## Disclaimer

    ️· ISC makes no warranty and assumes no liability for product suitability or use.
    ️· Products are not designed for hazardous environments, aerospace, or medical applications; contact ISC for such uses.

    # ISFM1025 / IXFN170N30P N-Channel MOSFET

    ## Description

    ️· Type: N-Channel MOSFET
    ️· Drain Current (ID): 138A @ 25°C
    ️· Drain-Source Voltage (VDSS): 300V (min)
    ️· Static Drain-Source On-Resistance (RDS(on)): 18Ω (max) @ VGS=10V

    ## Applications

    ️· DC-DC converters
    ️· Battery chargers
    ️· High-speed power switches

    ## Absolute Maximum Ratings

    ️· VDSS: 300V
    ️· VGSS: ±20V
    ️· ID: 138A
    ️· IDM: 500A
    ️· PD: 890W
    ️· TJ: 150°C
    ️· Tstg: -55~150°C

    ## Thermal Characteristics

    ️· Rthj-c: 0.14 °C/W

    ## Electrical Characteristics

    ️· V(BR)DSS: 300V
    ️· IDSS: 25uA
    ️· IGSS: ±200nA
    ️· VGS(th): 2.5 - 4.5V
    ️· RDS(on): ≤18 mΩ
    ️· VSD: ≤1.3V

    ## Package Dimensions (mm)

    DIM min max
    A 31.40 31.60
    B 7.70 8.10
    C 4.20 4.40
    D 4.20 4.40
    E 4.10 4.40
    F 14.90 15.10
    G 30.10 30.30
    H 38.00 38.40
    J 12.00 12.60
    K 9.35 9.65
    L 0.74 0.84
    M 12.30 12.70
    N 24.40 25.00
    0 1.90 2.10
    P 2.92 3.32
    Q 26.60 27.00
    R 3.80 4.20
    S 4.95 5.45
    T 23.70 24.30
    U 0 0.10
    V 3.50 5.50
    W 20.15 20.45
    Z 2.50 2.70

    ## Disclaimer

    ️· ISC makes no warranty and assumes no liability for product suitability or use.
    ️· Products are not designed for hazardous environments, aerospace, or medical applications; contact ISC for such uses.

    Part No.IXFN170N30P
    ManufacturerISC
    Size563 Kbytes
    Pages3 pages
    DescriptionN-Channel MOSFET