Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS2554 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MS2554 Datasheet

  • # Example questions: ➢ What is the maximum collector-supply voltage that the ms2554 can withstand?
    ➢ What is the minimum power output (pout) in watts at a frequency between 1025 and 1150 mhz with an input power of 90w and vcc of 50v?
    ➢ What is the thermal resistance junction-to-case (rth(j-c)) of this transistor?

  • Part No.MS2554
    ManufacturerADPOW
    Size91 Kbytes
    Pages3 pages
    DescriptionRF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
    Datasheet Summary with AI

    ## MS2554 NPN Bipolar Transistor

    Description

    ️· Designed for high peak pulse power applications (e.g., DME/TACAN).
    ️· Withstands minimum 20:1 load VSWR at any phase angle.
    ️· Features internal impedance matching for broadband performance.

    Features

    ️· Frequency Range: 1025 – 1150 MHz
    ️· Supply Voltage: 50 Volts
    ️· Input/Output Matching
    ️· Output Power (Pout): 250 Watts
    ️· Gain (Gp): 6.2 dB minimum
    ️· Common Base Configuration

    Absolute Maximum Ratings

    ️· Power Dissipation (Pdiss): 600 W
    ️· Device Current (Ic): 17.8 A
    ️· Collector-Supply Voltage (Vcc): 55 V
    ️· Junction Temperature (Tj): 200 °C
    ️· Storage Temperature (TSTG): -65 to +200 °C

    Electrical Specifications (Static)

    ️· BVCBO (V): 65
    ️· BVEBO (V): 3.5
    ️· BVCER (V): 65
    ️· ICES (mA): 25
    ️· HFE: 15 – 120

    Electrical Specifications (Dynamic)

    ️· Output Power (Pout) at 1025-1150 MHz: 250 W (Pin = 90 W, Vcc = 50 V)
    ️· Efficiency (ηc) at 1025-1150 MHz: 40% (Pin = 90 W, Vcc = 50 V)
    ️· Gain (Gp) at 1025-1150 MHz: 6.2 dB (Pin = 90 W, Vcc = 50 V)

    Impedance Data

    ️· 1025 MHz: Zin = 4.2 + j6.7 Ω, Zcl = 2.0 - j7.5 Ω
    ️· 1090 MHz: Zin = 4.0 + j3.5 Ω, Zcl = 2.5 - j7.5 Ω
    ️· 1150 MHz: Zin = 2.3 + j2.3 Ω, Zcl = 2.5 - j8.5 Ω

    Thermal Data

    ️· Thermal Resistance (Junction-case): 0.20 °C/W

    ## MS2554 NPN Bipolar Transistor

    Description

    ️· Designed for high peak pulse power applications (e.g., DME/TACAN).
    ️· Withstands minimum 20:1 load VSWR at any phase angle.
    ️· Features internal impedance matching for broadband performance.

    Features

    ️· Frequency Range: 1025 – 1150 MHz
    ️· Supply Voltage: 50 Volts
    ️· Input/Output Matching
    ️· Output Power (Pout): 250 Watts
    ️· Gain (Gp): 6.2 dB minimum
    ️· Common Base Configuration

    Absolute Maximum Ratings

    ️· Power Dissipation (Pdiss): 600 W
    ️· Device Current (Ic): 17.8 A
    ️· Collector-Supply Voltage (Vcc): 55 V
    ️· Junction Temperature (Tj): 200 °C
    ️· Storage Temperature (TSTG): -65 to +200 °C

    Electrical Specifications (Static)

    ️· BVCBO (V): 65
    ️· BVEBO (V): 3.5
    ️· BVCER (V): 65
    ️· ICES (mA): 25
    ️· HFE: 15 – 120

    Electrical Specifications (Dynamic)

    ️· Output Power (Pout) at 1025-1150 MHz: 250 W (Pin = 90 W, Vcc = 50 V)
    ️· Efficiency (ηc) at 1025-1150 MHz: 40% (Pin = 90 W, Vcc = 50 V)
    ️· Gain (Gp) at 1025-1150 MHz: 6.2 dB (Pin = 90 W, Vcc = 50 V)

    Impedance Data

    ️· 1025 MHz: Zin = 4.2 + j6.7 Ω, Zcl = 2.0 - j7.5 Ω
    ️· 1090 MHz: Zin = 4.0 + j3.5 Ω, Zcl = 2.5 - j7.5 Ω
    ️· 1150 MHz: Zin = 2.3 + j2.3 Ω, Zcl = 2.5 - j8.5 Ω

    Thermal Data

    ️· Thermal Resistance (Junction-case): 0.20 °C/W

    Part No.MS2554
    ManufacturerADPOW
    Size91 Kbytes
    Pages3 pages
    DescriptionRF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS