Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

856056 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 856056 Datasheet

  • # Example questions: ➢ What is the operating temperature range specified in the datasheet?
    ➢ What is the maximum insertion loss within the 1850-1910 mhz range?
    ➢ What type of impedance is recommended for both the source and load?

  • Part No.856056
    ManufacturerTRIQUINT
    Size444 Kbytes
    Pages6 pages
    Description1880 MHz SAW Filter
    Datasheet Summary with AI

    # Preliminary Data Sheet: 1880 MHz SAW Filter (Part Number 856056)

    ## Features

    ️· For PCS applications
    ️· 60 MHz Usable bandwidth
    ️· Low loss
    ️· 50 Ω Impedance – No matching required
    ️· Single-ended operation
    ️· Ceramic Surface Mount Package (SMP)
    ️· Small size

    ## Package Pin Configuration

    ️· Surface Mount: 2.00 x 2.00 x 0.76 mm
    ️· Pin 1: Input
    ️· Pin 3: Output
    ️· Pins 2 & 4: Case Ground

    ## Electrical Specifications


    ️· Center Frequency: 1880 MHz
    ️· Operating Temperature Range: -30 to +80 °C
    ️· Maximum Insertion Loss: 2.3 - 4.5 dB (1850 - 1910 MHz)
    ️· In-Band Ripple: 1.2 - 2.7 dB p-p (1850 - 1910 MHz)
    ️· Input/Output Return Loss: 8.0 - 9.5 dB (1850 - 1910 MHz)
    ️· Source/Load Impedance: 50 Ω

    ## Mechanical Details

    ️· Package Size: 2.00 x 2.00 x 0.76 mm
    ️· Packaging: 10,000 units/reel

    ## Additional Information

    ️· Warnings: Electrostatic Sensitive Device (ESD), avoid ultrasonic exposure
    ️· Links: PCB Layout Tips, Qualification Flowchart, Soldering Profile, S-Parameters
    ️· Contact: Sawtek – Website, Email, Phone, Fax, Sales Offices/Distributors

    # Preliminary Data Sheet: 1880 MHz SAW Filter (Part Number 856056)

    ## Features

    ️· For PCS applications
    ️· 60 MHz Usable bandwidth
    ️· Low loss
    ️· 50 Ω Impedance – No matching required
    ️· Single-ended operation
    ️· Ceramic Surface Mount Package (SMP)
    ️· Small size

    ## Package Pin Configuration

    ️· Surface Mount: 2.00 x 2.00 x 0.76 mm
    ️· Pin 1: Input
    ️· Pin 3: Output
    ️· Pins 2 & 4: Case Ground

    ## Electrical Specifications

    ️· Center Frequency: 1880 MHz
    ️· Operating Temperature Range: -30 to +80 °C
    ️· Maximum Insertion Loss: 2.3 - 4.5 dB (1850 - 1910 MHz)
    ️· In-Band Ripple: 1.2 - 2.7 dB p-p (1850 - 1910 MHz)
    ️· Input/Output Return Loss: 8.0 - 9.5 dB (1850 - 1910 MHz)
    ️· Source/Load Impedance: 50 Ω

    ## Mechanical Details

    ️· Package Size: 2.00 x 2.00 x 0.76 mm
    ️· Packaging: 10,000 units/reel

    ## Additional Information

    ️· Warnings: Electrostatic Sensitive Device (ESD), avoid ultrasonic exposure
    ️· Links: PCB Layout Tips, Qualification Flowchart, Soldering Profile, S-Parameters
    ️· Contact: Sawtek – Website, Email, Phone, Fax, Sales Offices/Distributors

    Part No.856056
    ManufacturerTRIQUINT
    Size444 Kbytes
    Pages6 pages
    Description1880 MHz SAW Filter