Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T600161804BT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about T600161804BT Datasheet

  • # Example questions: ➢ What is the maximum average forward current this scr can handle when the case temperature is 120°c?
    ➢ What is the maximum junction temperature allowed for this scr during operation?
    ➢ What is the value of the thermal resistance from junction to case for this scr?

  • Part No.T600161804BT
    ManufacturerISC
    Size466 Kbytes
    Pages3 pages
    DescriptionPhase Control SCR
    Datasheet Summary with AI

    # T600161804BT Phase Control SCR

    ## Features
    · High surge current capability
    · Wide current range
    · Minimal lot-to-lot variations for robust performance

    ## Applications
    · Battery charges
    · Converters
    · Power supplies
    · Motor control

    ## Absolute Maximum Ratings
    · VRRM: 1600 V
    · IF(AV): 175 A (TC=120℃, 180° conduction, half sine wave)
    · IFSM (Surge Forward Current): 5700 A (t=10ms, no voltage reapplied)
    · I2t (for fusing): 163 KA2s (t=10ms, no voltage reapplied)
    · TJ (Junction Temperature): -40~125 ℃
    · Tstg (Storage Temperature Range): -40~150 ℃


    ## Thermal Characteristics
    · Rthj-c (Junction to Case Thermal Resistance): 0.13 ℃/W

    ## Electrical Characteristics
    · IRRM (Repetitive Peak Reverse Current): 25 mA (VRM=VRRM, VDM=VDRM, Tj=125℃)
    · VTM (On-state Voltage): 1.55 V (ITM=625A)
    · IGT (Gate-trigger Current): 150 mA (VD =12 V)
    · VGT (Gate-trigger Voltage): 3 V (VD =12 V)

    ## Package Outline
    · Dimensions in mm (1mm = 0.0394”)

    ## Website
    · [www.iscsemi.cn](http://www.iscsemi.cn)
    · _isc & iscsemi_ is a registered trademark

    # T600161804BT Phase Control SCR

    ## Features
    · High surge current capability
    · Wide current range
    · Minimal lot-to-lot variations for robust performance

    ## Applications
    · Battery charges
    · Converters
    · Power supplies
    · Motor control

    ## Absolute Maximum Ratings
    · VRRM: 1600 V
    · IF(AV): 175 A (TC=120℃, 180° conduction, half sine wave)
    · IFSM (Surge Forward Current): 5700 A (t=10ms, no voltage reapplied)
    · I2t (for fusing): 163 KA2s (t=10ms, no voltage reapplied)
    · TJ (Junction Temperature): -40~125 ℃
    · Tstg (Storage Temperature Range): -40~150 ℃

    ## Thermal Characteristics
    · Rthj-c (Junction to Case Thermal Resistance): 0.13 ℃/W

    ## Electrical Characteristics
    · IRRM (Repetitive Peak Reverse Current): 25 mA (VRM=VRRM, VDM=VDRM, Tj=125℃)
    · VTM (On-state Voltage): 1.55 V (ITM=625A)
    · IGT (Gate-trigger Current): 150 mA (VD =12 V)
    · VGT (Gate-trigger Voltage): 3 V (VD =12 V)

    ## Package Outline
    · Dimensions in mm (1mm = 0.0394”)

    ## Website
    · [www.iscsemi.cn](http://www.iscsemi.cn)
    · _isc & iscsemi_ is a registered trademark

    Part No.T600161804BT
    ManufacturerISC
    Size466 Kbytes
    Pages3 pages
    DescriptionPhase Control SCR