Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPRH2D14-2R2N Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TPRH2D14-2R2N Datasheet

  • # Example questions: ➢ What is the maximum permissible dc resistance for the tprh2d14-6r8n inductor?
    ➢ How does the operating temperature range affect the inductor's performance?
    ➢ What is the quantity of inductors supplied per reel for taping packaging?

  • Part No.TPRH2D14-2R2N
    ManufacturerFENGJUI
    Size182 Kbytes
    Pages2 pages
    DescriptionSLIM INDUCTOR-RoHS
    Datasheet Summary with AI

    # TPRH 2D14 TYPE - SLIM INDUCTOR

    ## Features

    · Low profile (1.65mm Max height)
    · Low DC resistance
    · Magnetic Shielding

    ## Applications

    · LCD panels
    · Digital cameras
    · PDAs and portable devices

    ## Specifications

    Part Number L (uH) DCR (Ω Max) IDC (A) Max
    TPRH2D14-2R2N 2.2 ±30% 0.094 1.50
    TPRH2D14-3R3N 3.3 ±30% 0.130 1.10
    TPRH2D14-4R7N 4.7 ±30% 0.169 1.00
    TPRH2D14-6R8N 6.8 ±30% 0.213 0.85
    TPRH2D14-100N 10 ±30% 0.294 0.70
    TPRH2D14-220N 22 ±30% 0.774 0.42
    TPRH2D14-330N 33 ±30% 1.200 0.40

    · Measurement Frequency: 100KHz, 1V
    · Ambient Temperature: 25℃
    · Rated Current: Current causing 65% inductance drop or 30℃ temperature rise.
    · Inductance Tolerance: ±30% (N)
    · Packaging: 3000 pieces/reel

    ## General Characteristics

    · Operating Temperature Range: -40 to +105℃
    · Insulation Resistance: >100MΩ at 100V D.C.
    · Dielectric Strength: No breakdown at 100V D.C. for 1 minute
    · Temperature Coefficient: (0~2,000)x10-6/℃ (-25~+80℃)
    · Humidity Resistance: ±5% deviation after 96 hours at 90~95% RH, 40±2℃
    · Vibration Resistance: ±5% deviation after 1 hour at (10~55~10) Hz
    · Shock Resistance: ±5% deviation after 981m/s2 (100G) shock testing
    · Soldering Heat Resistance: 260℃, 10 seconds (refer to reflow profile)
    · Storage Environment: 10~35℃, 50~80% RH
    · Transportation Environment: -35~85℃, 50~95% RH
    · Component Lifespan: Use within 12 months.

    # TPRH 2D14 TYPE - SLIM INDUCTOR

    ## Features

    · Low profile (1.65mm Max height)
    · Low DC resistance
    · Magnetic Shielding

    ## Applications

    · LCD panels
    · Digital cameras
    · PDAs and portable devices

    ## Specifications

    Part Number L (uH) DCR (Ω Max) IDC (A) Max
    TPRH2D14-2R2N 2.2 ±30% 0.094 1.50
    TPRH2D14-3R3N 3.3 ±30% 0.130 1.10
    TPRH2D14-4R7N 4.7 ±30% 0.169 1.00
    TPRH2D14-6R8N 6.8 ±30% 0.213 0.85
    TPRH2D14-100N 10 ±30% 0.294 0.70
    TPRH2D14-220N 22 ±30% 0.774 0.42
    TPRH2D14-330N 33 ±30% 1.200 0.40

    · Measurement Frequency: 100KHz, 1V
    · Ambient Temperature: 25℃
    · Rated Current: Current causing 65% inductance drop or 30℃ temperature rise.
    · Inductance Tolerance: ±30% (N)
    · Packaging: 3000 pieces/reel

    ## General Characteristics

    · Operating Temperature Range: -40 to +105℃
    · Insulation Resistance: >100MΩ at 100V D.C.
    · Dielectric Strength: No breakdown at 100V D.C. for 1 minute
    · Temperature Coefficient: (0~2,000)x10-6/℃ (-25~+80℃)
    · Humidity Resistance: ±5% deviation after 96 hours at 90~95% RH, 40±2℃
    · Vibration Resistance: ±5% deviation after 1 hour at (10~55~10) Hz
    · Shock Resistance: ±5% deviation after 981m/s2 (100G) shock testing
    · Soldering Heat Resistance: 260℃, 10 seconds (refer to reflow profile)
    · Storage Environment: 10~35℃, 50~80% RH
    · Transportation Environment: -35~85℃, 50~95% RH
    · Component Lifespan: Use within 12 months.

    Part No.TPRH2D14-2R2N
    ManufacturerFENGJUI
    Size182 Kbytes
    Pages2 pages
    DescriptionSLIM INDUCTOR-RoHS