| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 3DD101C Datasheet
# Example questions:
➢ Under what conditions is the maximum collector-emitter saturation voltage of 5v achieved?
➢ What is the thermal resistance from junction to case for this transistor?
➢ What is the maximum continuous collector current this transistor can handle?
# isc Silicon NPN Power Transistor 3DD101C
## Description
· TO-3 packaging
· Large collector current
· Low collector saturation voltage
· High power dissipation
· Minimum lot-to-lot variations for robust device performance
## Applications
· DC-DC converter
· Solenoid or motor driver
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VCBO | Collector-Base Voltage | 250 | V |
| VCEO | Collector-Emitter Voltage | 200 | V |
| VEBO | Emitter-Base Voltage | 4 | V |
| IC | Collector Current-Continuous | 5 | A |
| PD | Total Power Dissipation @ TC=75℃ | 50 | W |
| TJ | Max. Junction Temperature | 175 | ℃ |
| Tstg | Storage Temperature | -55~175 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 2.0 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | MAX | UNIT |
|---|---|---|---|---|---|
| BVCEO | Collector-Emitter Sustaining Voltage | IC=5mA; IB=0 | 200 | V | |
| BVCBO | Collector-Base Sustaining Voltage | IC=5mA; IE=0 | 250 | V | |
| BVEBO | Emitter-Base Sustaining Voltage | IE=5mA; IC=0 | 4 | V | |
| VCE(sat) | Collector-Emitter Saturation Voltage | IC=2.5A; IB=0.25A | 1.5 | V | |
| ICEO | Collector Cutoff Current | VCE=50V; IB=0 | 1.0 | mA | |
| ICBO | Collector Cutoff Current | VCB=50V; IE=0 | 2.0 | mA | |
| hFE | DC Current Gain | IC=2A; VCE=5V | 20 |
# isc Silicon NPN Power Transistor 3DD101C
## Description
· TO-3 packaging
· Large collector current
· Low collector saturation voltage
· High power dissipation
· Minimum lot-to-lot variations for robust device performance
## Applications
· DC-DC converter
· Solenoid or motor driver
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VCBO | Collector-Base Voltage | 250 | V |
| VCEO | Collector-Emitter Voltage | 200 | V |
| VEBO | Emitter-Base Voltage | 4 | V |
| IC | Collector Current-Continuous | 5 | A |
| PD | Total Power Dissipation @ TC=75℃ | 50 | W |
| TJ | Max. Junction Temperature | 175 | ℃ |
| Tstg | Storage Temperature | -55~175 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 2.0 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | MAX | UNIT |
|---|---|---|---|---|---|
| BVCEO | Collector-Emitter Sustaining Voltage | IC=5mA; IB=0 | 200 | V | |
| BVCBO | Collector-Base Sustaining Voltage | IC=5mA; IE=0 | 250 | V | |
| BVEBO | Emitter-Base Sustaining Voltage | IE=5mA; IC=0 | 4 | V | |
| VCE(sat) | Collector-Emitter Saturation Voltage | IC=2.5A; IB=0.25A | 1.5 | V | |
| ICEO | Collector Cutoff Current | VCE=50V; IB=0 | 1.0 | mA | |
| ICBO | Collector Cutoff Current | VCB=50V; IE=0 | 2.0 | mA | |
| hFE | DC Current Gain | IC=2A; VCE=5V | 20 |
| Part No. | 3DD101C |
| Manufacturer | ISC |
| Size | 202 Kbytes |
| Pages | 2 pages |
| Description | isc Silicon NPN Power Transistor |