Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ZSC31150FAC-R

  • AI
    ## Overview of the ZSC31150FAC-R The **ZSC31150FAC-R** is a high-precision sensor signal conditioner (SSC) integrated circuit manufactured by Renesas (formerly IDT). It is specifically designed for automotive and industrial applications where high reliability and accurate pressure or temperature sensing are required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | Piezoresistive, Ceramic, or Thin-film Bridge Sensors | | **Supply Voltage** | 4.5V to 5.5V (standard), up to 40V with external components | | **ADC Resolution** | 16-bit | | **Output Formats** | 0 to 5V (Analog), PWM, or I2C/SPI (Digital) | | **Operating Temperature** | -40°C to +150°C | | **Package** | SSOP-14 | --- ### 2. Core Functional Blocks The ZSC31150 consists of several sophisticated electronic sub-systems that allow it to process raw sensor signals: * **Analog Front-End (AFE):** Contains a programmable gain amplifier (PGA) to amplify weak bridge signals from sensors. * **Analog-to-Digital Converter (ADC):** A high-resolution 16-bit converter that digitizes the amplified sensor signal. * **Digital Core (DSP):** This is the "brain" of the chip. It applies correction algorithms (using coefficients stored in EEPROM) to compensate for sensor offset, span, and temperature drift. * **EEPROM:** Non-volatile memory used to store calibration data specific to the sensor it is paired with. * **Output Driver:** Converts the processed digital data back into a usable format, such as a buffered ratiometric analog voltage or a pulse-width modulated (PWM) signal. --- ### 3. Applications and Use Cases The ZSC31150 is typically found in environments that demand AEC-Q100 qualification: 1. **Automotive Pressure Sensing:** Oil pressure, fuel pressure, and brake system monitoring. 2. **HVAC Systems:** Refrigerant pressure monitoring in air conditioning units. 3. **Industrial Process Control:** Precise measurement in harsh environments where temperature fluctuations are common. --- ### 4. Circuit Implementation Example When integrating the ZSC31150, the electronic design usually follows this simplified structure: ```mermaid graph LR A[Bridge Sensor] --> B[ZSC31150] B --> C[Microcontroller/ECU] B -.-> D[EEPROM Configuration] ``` To configure the device, a PC-based evaluation kit is typically used via the **ZACwire™** (One-Wire Interface) to write the calibration coefficients into the internal memory.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the analog and digital output modes of the ZSC31150?
    • ⤷ How does the ZSC31150 handle temperature compensation for bridge sensors?
    • ⤷ What are the power consumption characteristics of this IC during active operation?