Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • Y-CONC-R406P-RJ2L-2000-A

  • AI
    ### Technical Overview of Y-CONC-R406P-RJ2L-2000-A The **Y-CONC-R406P-RJ2L-2000-A** is a specialized industrial-grade cable assembly, typically utilized in high-precision motion control systems, such as those involving **Yaskawa** AC Servo Drives and Motors. This specific part number represents a connection cable designed for signal transmission, usually for encoder feedback or I/O communication. --- ### Component Specifications | Feature | Specification Details | | :--- | :--- | | **Connector Type A** | Standard RJ45 Plug (typically shielded) | | **Connector Type B** | Industrial Rectangular Connector (e.g., 6-pin or specific motor connector) | | **Cable Length** | 2000mm (2 Meters) | | **Application** | Servo drive to encoder or PLC communication | | **Cable Type** | Multi-core shielded twisted pair | | **Communication Protocol** | RS-485 / Serial / Mechatrolink (depending on system config) | --- ### Core Electronic Characteristics #### 1. Signal Integrity and Shielding The cable is constructed with high-density copper braiding or foil shielding. This is critical in industrial environments to prevent **Electromagnetic Interference (EMI)** from high-voltage power lines from corrupting the low-voltage feedback signals of the servo system. #### 2. Twisted Pair Configuration To further mitigate noise, the internal conductors are arranged in twisted pairs. This utilizes differential signaling principles, ensuring that any induced noise cancels itself out at the receiving end. #### 3. Connector Pinout (Typical) While pinouts can vary based on the specific revision, the "R406P" designation usually follows a standard for Yaskawa Sigma series compatibility: ```json { "Pin_Mapping": { "1": "Signal A+ / Phase A", "2": "Signal A- / Phase A", "3": "Signal B+ / Phase B", "4": "Signal B- / Phase B", "5": "VCC (+5V/12V Power)", "6": "GND (Ground)" } } ``` --- ### Key Applications * **Motion Control:** Connecting a Yaskawa Sigma-5 or Sigma-7 drive to a peripheral controller. * **Robotics:** Providing feedback loops for articulated robotic arms. * **CNC Machinery:** Precise positioning for X-Y-Z axis motors.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the R406P and R408P versions?
    • ⤷ Is this cable rated for continuous flexing in a cable carrier?
    • ⤷ Which specific Yaskawa drive series is this cable compatible with?