WSBS8518...80
AI

The **WSBS8518...80** is a high-power, surface-mount Power Metal Strip® battery shunt resistor manufactured by Vishay Dale. It is specifically designed for high-current applications where precision and durability are required.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Feature | Specification |
| :--- | :--- |
| **Package Size** | 8518 (8.5 mm x 1.8 mm approx. foot print) |
| **Construction** | All-welded Power Metal Strip® |
| **Resistance Range** | Typically 100 $\mu\Omega$ to 1000 $\mu\Omega$ (0.1 m$\Omega$ to 1.0 m$\Omega$) |
| **Power Rating** | Up to 36 W (depending on resistance value) |
| **Tolerance** | ± 1.0% or ± 5.0% |
| **Temperature Coefficient** | Very low (typically < 20 ppm/°C for the element) |
---
## 2. Key Electronic Components & Materials
The reliability of the WSBS8518 comes from its specialized material composition:
### Manganese-Copper Alloy
The resistive element is made from a solid metal manganese-copper alloy. This material is chosen because it has an extremely low **Thermal EMF** (Electromotive Force), meaning it does not generate significant "ghost" voltages when heated.
### All-Welded Construction
Unlike standard resistors that use solder or conductive epoxy, this series uses an all-welded construction. This ensures:
* High stability over time.
* Resistance to high-current pulses without physical degradation.
---
## 3. Functional Applications
The WSBS8518 is primarily used as a **Current Sense Resistor**. Its role in a circuit is to allow a small voltage drop that can be measured to calculate current flow ($I = V/R$).
* **Battery Management Systems (BMS):** Monitoring the charge and discharge cycles of electric vehicle (EV) batteries.
* **Energy Meters:** Measuring consumption in smart grids.
* **Solar Inverters:** Managing high-power DC-to-AC conversion.
* **Engine Controls:** Handling high-current spikes in automotive environments.
---
## 4. Advantages
1. **Low Inductance:** Below 5 nH, which is critical for high-frequency switching circuits.
2. **AEC-Q200 Qualified:** It meets automotive industry standards for stress and reliability.
3. **Thermal Management:** The large metal surface area allows for efficient heat dissipation to the PCB or busbar.
---
- ⤷
How do you calculate the power dissipation for a 100 micro-ohm shunt at 200 Amps?
- ⤷ What is the difference between the WSBS and WSBM series from Vishay?
- ⤷ How does 'Thermal EMF' affect current measurement accuracy in battery shunts?