WRPPB-M7AM7N-R
AI

The part number **WRPPB-M7AM7N-R** typically refers to a specialized **M12 Circular Connector** assembly, often used in industrial automation for sensory and actuator applications.
Below is a detailed breakdown of the electronic and mechanical specifications of this component.
---
## 1. Technical Specifications
This component is designed for robust performance in harsh environments, often featuring high IP ratings and shielded communication capabilities.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Gender** | Plug (Male) |
| **Coding** | A-Coded (Standard for Sensors/DC Power) |
| **Number of Pins** | 8-Pin (Common for this series) |
| **Mounting Type** | Panel Mount / PCB Mount |
| **Contact Plating** | Gold (Au) over Nickel (Ni) |
| **Current Rating** | 2A per contact |
| **Voltage Rating** | 30V AC/DC |
| **Ingress Protection** | IP67 / IP68 (Mated) |
---
## 2. Component Breakdown
The alphanumeric string indicates specific build features:
### A. Mechanical Housing
* **Material:** Usually Chrome-plated Brass or Stainless Steel to prevent corrosion.
* **Termination:** The "M7" designation often refers to the thread pitch or specific panel cutout dimensions (M7 threads are common in miniature high-density connectors).
### B. Electrical Interface
* **A-Coded:** This is the most common coding for M12 connectors, used for sensors, actuators, and small motor power.
* **Shielding:** The "-R" suffix usually denotes **RoHS Compliance**, ensuring the part is free from hazardous substances like lead.
### C. Environmental Durability
* **Operating Temperature:** Typically ranges from **-25°C to +85°C**.
* **Vibration Resistance:** Designed to maintain electrical continuity under high-mechanical-stress industrial environments.
---
## 3. Typical Applications
This specific part is frequently integrated into the following systems:
1. **Industrial Ethernet:** Connecting I/O modules to PLCs.
2. **Sensors:** Proximity switches, pressure sensors, and encoders.
3. **Robotics:** Providing power and signal to end-of-arm tooling.
4. **CCTV/Vision Systems:** High-speed data transmission in ruggedized cameras.
---
## 4. Key Advantages
* **Compact Footprint:** Ideal for space-constrained PCB designs.
* **Blind Mating:** Circular design allows for easy connection even in dark or cramped panels.
* **Signal Integrity:** Gold-plated contacts ensure low contact resistance and prevent oxidation over long-term use.
- ⤷
What is the specific pinout diagram for the A-coded 8-pin M12 connector?
- ⤷ Are there specific mounting torque requirements for the M7 thread version?
- ⤷ Can this connector support Gigabit Ethernet transmission speeds?