Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • WJM-1GA-R/

  • AI
    The **WJM-1GA-R** is a specific electronic component, typically categorized as a **Micro DC Gear Motor** or a specialized **Rotary Actuator**, often used in small-scale automation, vending machines, or precision mechanical assemblies. Below is the technical breakdown of its electronic and mechanical parts. --- ### 1. Component Specification Overview The "WJM" series generally refers to small-diameter geared motors. Here is a typical profile for this part: | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushed DC Motor | | **Operating Voltage** | 3.0V - 12.0V DC (Commonly 6V or 12V) | | **Gearbox Type** | Spur Gearbox (Metal or Plastic) | | **Reduction Ratio** | Varies (e.g., 1:50, 1:100, 1:298) | | **Shaft Shape** | D-profile (to prevent slipping) | | **Rotation** | Bi-directional (CW/CCW) | --- ### 2. Internal Electronic Parts The WJM-1GA-R consists of several core electronic and electromechanical sub-assemblies: #### A. The DC Motor Core * **Armature (Rotor):** The internal coil of copper wire that creates a magnetic field when energized. * **Commutator & Brushes:** The WJM-1GA-R utilizes carbon or metal brushes to transfer electrical current to the rotating armature. * **Permanent Magnets:** High-energy magnets located in the motor housing that interact with the armature's field to create torque. #### B. The Gearbox (Transmission) The "GA" in the part number usually signifies the Gearbox Assembly. * **Reduction Gears:** A series of interlocking gears that trade high speed (RPM) for high torque. * **Output Shaft:** Usually a stainless steel D-shaft designed to mount wheels, cams, or pulleys. #### C. Electrical Terminations * **Solder Tabs:** Located at the rear of the motor for connecting power leads. * **Suppression Capacitors (Optional):** Some variants include a small ceramic capacitor (e.g., 104 pf) soldered across the terminals to reduce Electromagnetic Interference (EMI). --- ### 3. Connection and Control To operate the WJM-1GA-R, the following electronic interfaces are typically required: 1. **H-Bridge Controller:** To reverse the direction of rotation, an H-bridge circuit (like the L298N or TB6612FNG) is used. 2. **PWM (Pulse Width Modulation):** Used to control the speed of the motor by rapidly switching the voltage on and off. 3. **Flyback Diode:** A diode should be placed in the circuit to protect against inductive voltage spikes when the motor stops. --- ### 4. Part Number Breakdown (Typical) | Code | Meaning | | :--- | :--- | | **WJM** | Manufacturer series code (Small Gear Motor) | | **1GA** | Gearbox frame size and internal gear arrangement | | **R** | Often denotes **RoHS Compliant** or **Right-hand/Reverse** orientation |
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the WJM-1GA-R?
    • ⤷ Can this motor be used with an Arduino or Raspberry Pi?
    • ⤷ What is the stall current for the 6V version of this motor?