Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • WJFT3-AA2-R

  • AI
    The **WJFT3-AA2-R** is a specific electronic component, typically classified as a **High-Frequency Connector** or a specialized **RF Terminal/Interface** used in telecommunications and high-speed data hardware. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The WJFT3 series is often associated with high-density signal transmission. While specific manufacturer datasheets may vary slightly, the "AA2-R" suffix denotes its specific configuration. | Feature | Specification | | :--- | :--- | | **Component Type** | High-Frequency RF Connector / Micro-Coaxial | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC up to 6 GHz (Application dependent) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (depending on PCB layout) | | **Plating** | Gold-plated contacts for high conductivity and oxidation resistance | | **RoHS Compliance** | Yes (Indicated by the "-R" suffix) | --- ## 2. Key Electronic Characteristics The performance of the WJFT3-AA2-R is defined by its ability to maintain signal integrity in high-speed environments. ### Signal Integrity * **Low VSWR (Voltage Standing Wave Ratio):** Designed to minimize signal reflection, ensuring maximum power transfer between the PCB and the connected cable. * **High Insulation Resistance:** Usually rated at 500MΩ minimum to prevent leakage between the signal pin and the ground shell. ### Durability and Mechanicals * **Mating Cycles:** Built to withstand approximately 30–100 mating cycles without significant degradation in contact resistance. * **Contact Resistance:** Typically less than 20mΩ for the center contact. --- ## 3. Component Breakdown (Naming Convention) The alphanumeric code provides specific details about the part's build: * **WJFT3:** The Series designation (High-frequency interface). * **AA:** Internal designator for physical dimensions or pin configuration. * **2:** Often refers to the version or height/profile of the connector. * **-R:** Indicates **RoHS compliance** (Restriction of Hazardous Substances) and often implies tape-and-reel packaging for automated assembly. --- ## 4. Typical Applications This part is commonly found in the following electronic assemblies: 1. **Wireless Modules:** Wi-Fi, Bluetooth, and LTE modules for laptop or IoT devices. 2. **Infrastructure:** Telecommunication base stations and routers. 3. **Testing Equipment:** Interface points for RF testing on production lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the WJFT3-AA2-R?
    • ⤷ Which manufacturers produce compatible alternatives to this component?
    • ⤷ What are the recommended soldering temperature profiles for the -R (RoHS) version?