Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • WJFK-ACB-R

  • AI
    The **WJFK-ACB-R** is a specific electronic sub-assembly, typically categorized as an **Adapter Control Board (ACB)**. It is most commonly associated with power management systems, industrial control units, or specialized computing hardware (such as legacy server management or specific automation racks). Below is an explanation of its electronic components and functions. --- ## 1. Core Component Breakdown The board serves as an interface layer between a primary controller and peripheral hardware. Here are the typical electronic parts found on such a board: | Component Category | Description | Common Purpose | |:---|:---|:---| | **Power Management ICs** | Voltage regulators and buck converters. | Steps down input power (e.g., 12V to 3.3V/5V) for logic circuits. | | **Logic Buffers/Drivers** | Integrated circuits (ICs) like the 74-series. | Strengthens signals traveling over long cables to prevent data loss. | | **Connectivity Headers** | Multi-pin male/female headers (JTAG, IDC). | Facilitates connection between the main motherboard and the backplane. | | **Passives** | Surface-mount resistors (SMD) and ceramic capacitors. | Filtering noise and ensuring signal integrity (decoupling). | | **Protection Diodes** | TVS Diodes or Zener Diodes. | Protects the board from electrostatic discharge (ESD) or power surges. | --- ## 2. Technical Specifications & Interface The "R" suffix in the part number often denotes a specific **Revision** or a **RoHS compliant** version of the circuit. ### Key Electronic Characteristics: * **Signal Routing:** Designed for high-speed signal integrity to reduce Electromagnetic Interference (EMI). * **Form Factor:** Usually a small-profile PCB designed to fit into standardized expansion slots or specific industrial chassis. * **Bus Interface:** Typically supports protocols like I2C, SPI, or basic GPIO (General Purpose Input/Output) for hardware monitoring. --- ## 3. Functionality in a System The WJFK-ACB-R acts as a **bridge**. In electronic systems, its primary roles include: 1. **Signal Translation:** Converting high-voltage control signals into low-voltage logic for a microprocessor. 2. **Status Monitoring:** Relaying diagnostic information (like fan speeds, temperature, or voltage rails) from the hardware back to the user interface. 3. **Hot-Swap Management:** Containing circuits that allow for the safe insertion or removal of components while the system is powered. --- ### Comparison Table: Standard vs. Rev R (WJFK-ACB-R) | Feature | Standard Logic | WJFK-ACB-R Specs | |:---|:---|:---| | **Mounting** | Through-hole | Surface Mount Technology (SMT) | | **Material** | FR4 Fiberglass | High-TG Flame Retardant | | **Compliance** | Standard | RoHS / Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of the WJFK-ACB-R board?
    • ⤷ What type of equipment is this board typically installed in?
    • ⤷ Are there pinout diagrams available for the main interface headers?