Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • WCT-533-R

  • AI
    The **WCT-533-R** is a high-performance Wireless Charging Transmitter module, typically designed for automotive or industrial applications. It is engineered to provide multi-coil support and high efficiency for wireless power transfer. --- ### 1. Key Electronic Components & Subsystems The module is comprised of several critical electronic stages that manage power conversion and communication: | Component Category | Description | Primary Function | |:---|:---|:---| | **Main Controller** | High-integration MCU (often NXP based) | Manages Qi protocol, power negotiation, and coil selection. | | **Full-Bridge Inverter** | MOSFET-based H-bridge circuit | Converts DC input into high-frequency AC for the induction coils. | | **Resonant Tank** | LC circuit (Inductors + NP0/C0G Capacitors) | Matches frequency for maximum energy transfer efficiency. | | **Coil Array** | Multi-coil assembly (3-coil or 5-coil) | Expands the "active charging area" to reduce alignment sensitivity. | | **Demodulation Circuit** | Operational Amplifiers & Filters | Decodes FSK/ASK signals sent from the receiver (mobile device). | --- ### 2. Technical Specifications The electronic design is governed by the following parameters: * **Input Voltage:** Typically 9V to 16V (optimized for 12V automotive rails). * **Output Power:** Supports up to 15W (Extended Power Profile - EPP). * **Standard Compliance:** WPC Qi 1.2.x or higher. * **Communication:** In-band backscatter modulation. --- ### 3. Integrated Protection Features The electronic architecture includes dedicated safety circuits to protect both the transmitter and the device being charged: 1. **Foreign Object Detection (FOD):** Uses power loss accounting and quality factor (Q) change detection to identify metal objects (coins, keys) on the pad. 2. **Thermal Management:** Integrated thermistors monitor PCB and coil temperature, reducing power or shutting down if limits are exceeded. 3. **Over-Voltage/Current Protection (OVP/OCP):** Prevents damage during load dumps or short circuits. --- ### 4. Connectivity & Interface The module usually interfaces with the host system via: * **CAN Bus / LIN Bus:** For automotive diagnostics and status reporting. * **PWM Control:** For precise frequency and duty cycle adjustment. * **Status LEDs:** Driven by GPIOs to indicate charging, standby, or error states.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the WCT-533-R and the WCT-5W version?
    • ⤷ How does the multi-coil switching logic work in this module?
    • ⤷ Can the WCT-533-R be programmed for proprietary fast-charging protocols?