AI

The **W5MS-43-R** is a specific electronic component, typically categorized as a **Micro-Switch** or a specialized **Tactile/Limit Switch** often used in automotive, industrial, or precision instrumentation applications.
---
## Technical Specifications & Features
Below is a breakdown of the typical electronic characteristics associated with this part series:
| Property | Description |
| :--- | :--- |
| **Component Type** | Micro-Switch / Snap Action Switch |
| **Contact Configuration** | Single Pole Double Throw (SPDT) or SPST |
| **Actuator Type** | Often features a pin plunger or lever (varies by sub-suffix) |
| **Current Rating** | Typically 0.1A to 5A (depending on voltage) |
| **Voltage Rating** | 12V DC to 250V AC (standard range) |
| **Mounting Style** | PCB Through-hole or Solder Terminal |
| **Environmental Protection** | Often IP40 or IP67 (Sealed versions) |
---
## Core Electronic Parts & Construction
The internal architecture of the W5MS-43-R consists of several critical electronic and mechanical elements:
### 1. Contact Points
* **Material:** Usually silver alloy or gold-plated (for low-current signals).
* **Function:** This is where the electrical circuit is physically opened or closed. Gold plating is used to prevent oxidation in low-voltage logic circuits.
### 2. Spring Mechanism
* **Beryllium Copper Leaf:** A high-endurance spring that provides the "snap action." This ensures that the transition between ON and OFF states is instantaneous, regardless of how slowly the external actuator is pressed.
* **Hysteresis:** The mechanism is designed with a specific differential travel (the distance between the trip point and the reset point).
### 3. Housing (Dielectric Body)
* **Material:** Thermoplastic or Thermosetting resin (e.g., PBT or Phenolic).
* **Purpose:** Provides electrical insulation between the terminals and the mounting surface, ensuring high dielectric strength.
### 4. Terminals
* **Leads:** Made of brass or copper alloy with tin plating for better solderability.
* **Logic:** The "43" in the part number often refers to the specific terminal orientation (e.g., right-angle, left-angle, or straight PCB pins).
---
## Common Applications
Because of its precision and reliability, the W5MS-43-R is commonly found in:
1. **Automotive:** Door latch sensors, seatbelt buckles, and gear shifters.
2. **Consumer Electronics:** Detection switches in printers or scanners.
3. **Industrial:** Limit switches for small-scale robotics or CNC end-stops.
---
- ⤷
What is the exact terminal spacing for the W5MS-43-R?
- ⤷ What are the differences between the R and S suffixes in this series?
- ⤷ Is this switch rated for high-moisture environments?