Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • W2VS-1511-R2SLASHCE

  • AI
    The **W2VS-1511-R2SLASHCE** is a specialized electronic component primarily used in industrial automation and signal processing. It is a **Signal Conditioner / Signal Isolator** designed to convert, isolate, and transmit electrical signals between field devices and control systems (like PLCs or DCS). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed for DIN-rail mounting and functions as a dual-output signal converter. | Feature | Specification | | :--- | :--- | | **Manufacturer** | M-System (or affiliated OEM brands) | | **Input Type** | DC Voltage/Current (Configurable) | | **Output Type** | Dual Output (Isolated) | | **Power Supply** | Typically 100–240V AC or 24V DC (Model dependent) | | **Isolation** | Input to Output 1 to Output 2 to Power | | **Housing** | Plug-in style / DIN Rail | --- ### 2. Key Electronic Parts & Functionality The internal circuitry consists of several critical stages to ensure signal integrity: #### A. Input Conditioning Stage * **Precision Resistors:** Used to shunt current inputs (e.g., 4-20mA) into a voltage signal. * **Protection Diodes:** Protects the internal circuits from overvoltage or reverse polarity. #### B. Isolation Barrier * **Opto-couplers / Transformer Isolation:** This is the core of the "V" (Isolator) series. It electronically separates the input side from the output side to prevent ground loops and protect expensive PLC hardware from high-voltage surges. #### C. Signal Processing * **Operational Amplifiers (Op-Amps):** High-precision amplifiers are used to scale the input signal (e.g., 1-5V) to the desired output range. * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration. #### D. Power Management * **DC-DC Converter:** An internal transformer-based converter that generates isolated power rails for the input and output circuits independently. --- ### 3. Application Use Case In an industrial environment, the W2VS-1511-R2SLASHCE is used for: 1. **Signal Splitting:** Taking one sensor input and providing two independent 4-20mA outputs (one for a local display, one for a remote PLC). 2. **Impedance Matching:** Converting a high-impedance voltage signal into a low-impedance current loop for long-distance transmission. 3. **Noise Reduction:** Filtering out electromagnetic interference (EMI) from the field wiring. --- ### 4. Wiring Diagram (Simplified Logic) ```text [ FIELD SENSOR ] ----> [ INPUT (Term 1&2) ] | [ ISOLATION BARRIER ] | [ OUTPUT 1 (Term 3&4) ] <-----> [ OUTPUT 2 (Term 5&6) ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ranges supported by the R2 configuration?
    • ⤷ How do you calibrate the Zero and Span pots on this specific model?
    • ⤷ What is the dielectric strength rating for the isolation barrier in this device?