Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • W2TS-0B2-R2/N

  • AI
    The **W2TS-0B2-R2/N** is a specialized precision sensing component, typically associated with **pressure sensors or load cells** (often found in industrial weight indicators or weighing modules). Below is a detailed breakdown of its electronic characteristics and structural components. --- ## 1. Technical Specifications Overview This component is designed for high-accuracy signal conversion and environmental durability. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Pressure/Load Transducer | | **Input Voltage** | Typically 5V to 12V DC (Excitation) | | **Output Signal** | Analog (mV/V) or Digital (depending on integrated ASIC) | | **Accuracy Class** | R2 (Standard Precision Class) | | **Material** | Stainless Steel or High-Grade Aluminum | | **Protection Rating** | IP67/IP68 (Dust and Water Resistant) | --- ## 2. Key Electronic Parts & Construction The device functions through a series of integrated electronic sub-assemblies: ### A. The Strain Gauge Bridge * **Function:** The heart of the sensor. It utilizes a **Wheatstone Bridge** configuration. * **Operation:** Four resistors are bonded to the structural body. When pressure is applied, the resistance changes slightly, creating a measurable voltage differential. ### B. Signal Conditioning Circuitry * **Amplifier:** Since the raw output is in millivolts (mV), an internal low-noise amplifier boosts the signal. * **Temperature Compensation:** Includes thermistors or compensation resistors to ensure the output remains stable despite fluctuations in ambient temperature. ### C. Connection Interface * **Wiring:** Usually follows a 4-wire or 6-wire configuration. * *Excitation (+/-):* Powers the bridge. * *Signal (+/-):* The data output. * *Sense (+/-):* (In 6-wire models) Compensates for voltage drops over long cables. --- ## 3. Part Number Decoding While specific to the manufacturer (often associated with brands like **ZEMIC** or **Mettler Toledo** clones), the suffix "R2/N" usually indicates: 1. **R2:** The Accuracy Grade. R2 typically signifies a mid-to-high range industrial tolerance. 2. **N:** Often denotes "Non-Explosive" or standard environment usage, or a specific connector type (N-Type). --- ## 4. Typical Application Circuit If you are integrating this into a microcontroller system (like Arduino or PLC), the wiring logic follows this pattern: ```cpp // Basic Logic for Reading W2TS Series via HX711 Amplifier #include "HX711.h" const int LOADCELL_DOUT_PIN = 2; const int LOADCELL_SCK_PIN = 3; HX711 scale; void setup() { Serial.begin(9600); scale.begin(LOADCELL_DOUT_PIN, LOADCELL_SCK_PIN); } void loop() { if (scale.is_ready()) { long reading = scale.read(); Serial.print("Raw Weight Data: "); Serial.println(reading); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum weight capacity for the W2TS-0B2-R2/N?
    • ⤷ Does this sensor require a specific external amplifier for PLC integration?
    • ⤷ What are the pinout color codes for this specific model?