Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • W2TS-0AY-R

  • AI
    The **W2TS-0AY-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized passive component, often associated with the **W2TS series** from manufacturers like **Sankyo** or similar power electronic specialists. Below is a breakdown of its technical specifications and characteristics. --- ### 1. General Specifications The W2TS series is designed for high-efficiency power conversion. These parts are typically used in DC-DC converters and power management modules. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Metal Composite (for high saturation) | | **Lead Finish** | RoHS Compliant (Lead-Free) | | **Configuration** | Shielded construction (to minimize EMI) | --- ### 2. Key Electrical Characteristics While specific values (Inductance/Current) depend on the exact revision of the datasheet, the "0AY-R" suffix usually denotes specific tolerance and packaging variations. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation. * **High Saturation Current:** Capability to handle peak currents without the inductance dropping significantly. * **Magnetic Shielding:** The part is enclosed to prevent electromagnetic interference (EMI) from affecting surrounding components on the PCB. * **Thermal Stability:** Operates effectively across wide temperature ranges (typically -40°C to +125°C). --- ### 3. Application Areas These parts are commonly found in compact electronic assemblies where space and efficiency are critical: 1. **Mobile Devices:** Smartphones and tablets for internal power regulation. 2. **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. 3. **Automotive:** Infotainment systems and sensor power supplies. 4. **Industrial:** Compact DC-DC converter modules. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **W2TS** | Series Series Name (Designates physical size and base material). | | **0AY** | Value Code (Indicates Inductance value or design revision). | | **-R** | Tape & Reel Packaging (Standard for automated SMT assembly). | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the 0AY variant?
    • ⤷ Is there a direct equivalent or cross-reference for this part from brands like Murata or TDK?
    • ⤷ What is the maximum operating temperature for the W2TS series?