Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • W2TS-013-R2

  • AI
    The **W2TS-013-R2** is a specialized electronic component, typically categorized as a high-frequency RF (Radio Frequency) termination or resistive element used in telecommunications and signal processing. --- ### 1. Technical Specifications Below are the general characteristics associated with this part number: | Feature | Description | | :--- | :--- | | **Component Type** | RF Termination / Fixed Resistor | | **Power Rating** | Typically low to medium power (e.g., 0.5W to 2W range) | | **Impedance** | Standard 50 Ohms (common for RF applications) | | **Mounting Type** | Surface Mount (SMD) or Flange Mount (depending on package variant) | | **Frequency Range** | DC to several GHz (High-frequency optimized) | | **RoHS Status** | Compliant (indicated by the 'R2' suffix in many series) | --- ### 2. Key Electronic Functions The W2TS series is designed to perform specific roles within a circuit: * **Impedance Matching:** Prevents signal reflections in RF circuits by ensuring the load matches the characteristic impedance of the transmission line. * **Signal Absorption:** In power dividers or directional couplers, these parts dissipate unused or isolated signals into heat. * **Stability:** Provides a stable resistance value even at high operating frequencies where standard resistors would exhibit parasitic inductance. --- ### 3. Construction and Materials The "W2TS" prefix often refers to **Thin Film on Alumina** or **Beryllium Oxide (BeO)** construction, though modern "R2" versions often use **Aluminum Nitride (AlN)** to be environmentally friendly while maintaining high thermal conductivity. * **Substrate:** Provides high thermal dissipation. * **Resistive Layer:** Tantalum Nitride or Nichrome film for precision and stability. * **Terminations:** Gold or Tin-plated for reliable soldering or wire bonding. --- ### 4. Typical Applications * **Base Stations:** Used in 4G/5G infrastructure. * **Test Equipment:** Oscilloscopes and signal generators. * **Aerospace:** High-reliability communication modules. * **Isolators:** Absorbing reflected power in microwave systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the W2TS-013-R2?
    • ⤷ Are there specific footprint recommendations for soldering this component?
    • ⤷ How does Aluminum Nitride compare to BeO in these RF components?