Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • W2SP-1DB-R/N

  • AI
    The **W2SP-1DB-R/N** is a specialized electronic component, typically categorized as a **Waterproof Snap-In Rocker Switch**. These switches are designed for harsh environments where moisture and dust protection are required. Below is a detailed breakdown of its electronic and mechanical parts. --- ## 1. Technical Specifications This component is defined by its electrical capacity and its ingress protection (IP) rating. | Feature | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuitry** | SPST (Single Pole Single Throw) or SPDT (Single Pole Double Throw) | | **Contact Rating** | Typically 16A @ 125VAC / 10A @ 250VAC | | **Protection Rating** | IP67 (Dust-tight and Water-resistant) | | **Mounting Type** | Snap-in Panel Mount | | **Termination** | Quick Connect / Solder Terminals | --- ## 2. Key Electronic & Mechanical Parts ### A. The Actuator (Rocker) The "Rocker" is the visible part of the switch that the user presses. * **Material:** Usually high-strength Nylon or Polycarbonate. * **Function:** It acts as the mechanical lever that pivots to open or close the internal contacts. * **Markings:** Often features "I/O" symbols or dot indicators. ### B. Internal Contact System This is the "electronic heart" of the switch. * **Fixed Contacts:** Metal pins (usually silver-plated brass) molded into the base. * **Movable Contact (Bridges):** A conductive strip that "rocks" back and forth to bridge the gap between fixed terminals. * **Silver Plating:** High-quality versions use silver alloy contacts to minimize electrical resistance and prevent arcing. ### C. Sealing Mechanism (The "W" in W2SP) Because this is a waterproof model, it contains specific sub-parts: * **Internal Rubber Boot/Gasket:** A silicone or rubber seal located beneath the actuator to prevent water from entering the internal electrical chamber. * **O-Ring:** Some models include a perimeter seal to prevent moisture from leaking through the panel cutout. ### D. The Housing (Base) * **Material:** Thermoplastic (often UL94V-2 or V-0 rated for fire safety). * **Snap-in Wings:** Integrated plastic tabs that compress when pushed into a panel and "snap" out to lock the switch in place. --- ## 3. Part Number Decoder (W2SP-1DB-R/N) While nomenclature varies by manufacturer (such as *Highly* or *Well Buying*), the code generally breaks down as follows: | Code Segment | Meaning | | :--- | :--- | | **W2** | Series designation (Waterproof Series 2) | | **SP** | Single Pole (Refers to one circuit path) | | **1DB** | Specific functional configuration (e.g., ON-OFF or ON-ON) | | **R** | Rocker Color (Commonly **R**ed) | | **N** | Lamp/Illumination type (Often signifies **N**eon or **N**o Lamp depending on the sub-series) | --- ## 4. Electrical Wiring Example Most snap-in rocker switches use a standard terminal layout: ```text Terminal 1: Power Input (Line) Terminal 2: Load (The device being powered) Terminal 3: Ground/Neutral (Only if the switch is illuminated) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact panel cutout dimension required for the W2SP series?
    • ⤷ How does the IP67 rating protect the internal contacts from corrosion?
    • ⤷ Are there LED-illuminated versions of the W2SP-1DB available for DC applications?