Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • W2PE-5AC-R/N

  • AI
    The **W2PE-5AC-R/N** is a specialized wireless communication module, typically used in industrial or enterprise-grade networking equipment. It is an **802.11ac Wave 2 Dual-Band Wi-Fi module**, often designed in a Mini PCIe form factor. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The module is built to provide high-throughput wireless connectivity, leveraging the IEEE 802.11ac standard. | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11a/b/g/n/ac (Wave 2) | | **Frequency Bands** | 2.4 GHz and 5 GHz (Concurrent or Selectable) | | **Interface** | Mini PCI Express (Mini PCIe) | | **MIMO Configuration** | 2x2 MIMO (Multiple Input, Multiple Output) | | **Data Rate** | Up to 867 Mbps (on 5GHz band) | | **Chipset Family** | Typically Qualcomm Atheros (QCA series) | | **Connector Type** | U.FL (IPEX) for external antennas | --- ### 2. Key Electronic Components #### A. Main Chipset (SoC/Baseband) The heart of the module is usually a **Qualcomm Atheros QCA9888** or a similar high-performance SoC. This chip handles the radio physical layer (PHY) and the Media Access Control (MAC) layer. It supports: * **MU-MIMO:** Allows the module to communicate with multiple clients simultaneously. * **Beamforming:** Focuses the signal toward the client device for better range. #### B. Power Management Integrated Circuit (PMIC) Small-scale voltage regulators on the PCB convert the 3.3V power supplied by the Mini PCIe slot into the lower voltages required by the chipset (usually 1.1V, 1.2V, or 1.8V). #### C. RF Front-End Modules (FEM) These are critical for signal transmission and reception: * **Power Amplifiers (PA):** Boosts the signal for transmission. * **Low Noise Amplifiers (LNA):** Boosts weak incoming signals while keeping noise levels low. * **RF Switches:** Toggles the antenna between transmit (TX) and receive (RX) modes. #### D. EEPROM/Flash Memory A small onboard memory chip stores the **Calibration Data** (ART - Atheros Radio Test) and the unique **MAC Address**. This ensures the module operates within legal frequency and power limits for specific regions (FCC/CE). --- ### 3. Pinout and Physical Interface The W2PE-5AC-R/N uses the standard 52-pin Mini PCIe edge connector. | Pin Group | Function | | :--- | :--- | | **Power Pins** | 3.3V Input from the host motherboard. | | **PCIe Lanes** | Differential pairs for high-speed data transfer to the CPU. | | **Control Pins** | W_DISABLE# (Hardware radio off) and LED status indicators. | | **Ground** | Multiple pins to ensure signal integrity and heat dissipation. | --- ### 4. Environmental and Operational Features * **Operating Temperature:** Usually designed for industrial ranges (-20°C to +70°C). * **Power Consumption:** Peak power consumption usually sits between 3W and 5W during heavy 5GHz transmission. * **OS Support:** Primarily supported by Linux (Ath10k drivers) and OpenWrt. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between Wave 1 and Wave 2 802.11ac in this module?
    • ⤷ Can this module be used in a standard laptop Mini PCIe slot?
    • ⤷ Which Linux driver is required to operate the W2PE-5AC-R/N?