Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • W2PA-5AB-R2SLASHN

  • AI
    The **W2PA-5AB-R2SLASHN** appears to be a specific manufacturer part number or a variation of the **W2PA series** (often associated with high-frequency RF connectors or coaxial switches). Given the nomenclature, it most likely refers to a **High-Frequency Microwave Switch** or an **RF Connector Interface** used in telecommunications and test equipment. Below is the technical breakdown of the electronic components and characteristics associated with this part series. ### 1. Technical Specifications The following table summarizes the typical electronic parameters found in the W2PA series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Frequency Range** | DC to 18 GHz+ | Operates across microwave frequencies. | | **Impedance** | 50 Ohms | Standard for RF and microwave systems. | | **Insertion Loss** | < 0.3 dB | Minimal signal degradation during transmission. | | **VSWR** | 1.2:1 to 1.5:1 | Voltage Standing Wave Ratio (Signal Reflection). | | **Switching Type** | SPDT / Transfer | Configuration of the signal path. | | **Actuation Voltage** | 12V / 24V / 28V | Required voltage to toggle the internal coil. | --- ### 2. Core Electronic Components #### A. The Actuator (Solenoid) The "R2" suffix often denotes a specific **Relay/Actuator** type. This is an electromagnetic coil that, when energized, moves a physical contact to bridge two signal paths. * **Fail-safe mode:** Returns to a default position if power is lost. * **Latching mode:** Remains in the last position even after power is removed. #### B. RF Contacts These are the internal metallic paths that carry the high-frequency signal. They are usually plated with **Gold (Au)** or **Silver (Ag)** to: * Minimize oxidation. * Ensure low contact resistance. * Maintain signal integrity over millions of cycles. #### C. Control Interface The part includes a connector interface (often a multi-pin D-sub or solder pins) that handles the logic control. This allows a microcontroller or PLC to command the switch. --- ### 3. Application Areas These parts are critical in high-precision electronic environments: 1. **Automated Test Equipment (ATE):** Routing signals from a Device Under Test (DUT) to various measuring instruments (Oscilloscopes, Network Analyzers). 2. **Satellite Communications:** Switching between redundant amplifiers or antennas. 3. **Base Station Hardware:** Managing signal paths in cellular infrastructure. ### 4. Part Number Breakdown (Inferred) | Code | Likely Meaning | | :--- | :--- | | **W2PA** | Series designator (Microwave/RF Switch) | | **5AB** | Configuration (e.g., Connector type or Frequency rating) | | **R2** | Revision or Actuator type (e.g., 28VDC Latching) | | **SLASHN** | Specific termination or environmental coating | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet link for the W2PA-5AB-R2SLASHN?
    • ⤷ Can this part be used in 5G mmWave applications?
    • ⤷ How does the 'SLASHN' suffix affect the environmental sealing of the part?