Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • W2CE-5DA-R2/UL

  • AI
    The **W2CE-5DA-R2/UL** is a high-performance **solid-state contactor (SSC)** or high-current solid-state relay (SSR) manufactured by **SMC**. It is designed specifically for high-frequency switching of industrial heaters and other resistive loads. --- ### 1. Key Technical Specifications The model name contains specific configuration data regarding its electrical performance: | Feature | Specification | | :--- | :--- | | **Control Voltage** | 4 to 28 VDC | | **Load Voltage** | 75 to 264 VAC | | **Rated Load Current** | 5 Amps | | **Number of Poles** | 1-Pole (Single Phase) | | **Switching Method** | Zero-cross function (turns on at zero voltage) | | **Certification** | UL/CSA Recognized | --- ### 2. Electronic Component Breakdown #### A. Internal Isolation (Optocoupler) The unit utilizes **optical isolation**. This ensures that the control circuit (low voltage DC) is physically and electrically separated from the power circuit (high voltage AC), protecting sensitive PLCs or controllers from electrical surges. #### B. Zero-Cross Switching Circuit This is a critical electronic feature for heating applications: - **How it works:** The device waits for the AC voltage waveform to cross the 0V mark before turning the power on. - **Benefit:** It minimizes **Electromagnetic Interference (EMI)** and reduces high-frequency noise that can interfere with other nearby electronics. #### C. Power Semiconductor (Triac/Thyristor) The heart of the unit is a power semiconductor. Unlike traditional mechanical contactors: - There are **no moving parts**. - It provides nearly infinite switching cycles, making it ideal for **PID control** where the unit may cycle on/off every few seconds. --- ### 3. Application Use Cases This part is primarily found in thermal management systems, such as: 1. **Thermo-con Units:** Used in semiconductor manufacturing for precise temperature control. 2. **Industrial Heaters:** Managing resistive heating elements where silent and rapid switching is required. 3. **Packaging Machinery:** Heat-sealing bars that require constant temperature maintenance. --- ### 4. Comparison: Mechanical vs. W2CE-5DA-R2/UL | Feature | Mechanical Contactor | W2CE-5DA-R2/UL (Solid State) | | :--- | :--- | :--- | | **Switching Speed** | Slow (ms) | Extremely Fast (μs) | | **Lifespan** | Finite (Mechanical Wear) | Long (No moving parts) | | **Acoustic Noise** | Loud "Clack" | Silent | | **Heat Generation** | Low | Moderate (Requires heat dissipation) | ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring precautions for the control input of the W2CE-5DA-R2/UL?
    • ⤷ Does this model require an external heat sink for the full 5A load?
    • ⤷ How does the Zero-cross function affect inductive loads compared to resistive loads?