W2CE-1CB-R
AI

The **W2CE-1CB-R** is a specific electronic component, typically categorized as an **Optical Transceiver Module**. Below is a detailed technical breakdown of its parts, functionality, and specifications.
---
## 1. Component Overview
The W2CE-1CB-R is a high-performance, integrated module designed for fiber-optic communication. It belongs to the **SFP (Small Form-factor Pluggable)** or **SFP+** family, designed to bridge the gap between electrical signals in a switch and optical signals in a fiber network.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Form Factor** | SFP / SFP+ |
| **Data Rate** | Typically 1.25 Gbps to 10 Gbps (depends on variant) |
| **Interface Type** | Optical (usually LC Connector) |
| **Distance** | Short Range (SR) or Long Range (LR) support |
| **Compliance** | RoHS, IEEE 802.3 standards |
---
## 2. Internal Electronic Sub-systems
The module consists of several critical electronic parts working in tandem:
### A. TOSA (Transmitter Optical Sub-Assembly)
This is the "Output" section. It contains:
* **Laser Diode:** Converts electrical data pulses into light pulses.
* **Driver IC:** An integrated circuit that regulates the current flowing to the laser to ensure high-speed switching and signal integrity.
### B. ROSA (Receiver Optical Sub-Assembly)
This is the "Input" section. It contains:
* **Photodiode:** Detects incoming light pulses and converts them back into electrical current.
* **TIA (Transimpedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal.
### C. Processing & Control Unit
* **Microcontroller (MCU):** Manages the **DDM (Digital Diagnostic Monitoring)**. This allows the host system to monitor real-time parameters like temperature, laser bias current, and optical power.
* **EEPROM:** Stores the module's identification data, serial number, and vendor information (used for "vendor locking" compatibility).
---
## 3. Circuit Board Architecture
The internal PCB (Printed Circuit Board) of the W2CE-1CB-R uses high-frequency materials to prevent signal degradation.
```mermaid
graph LR
Electrical_In[Electrical Interface] --> Driver_IC[Laser Driver]
Driver_IC --> TOSA[Laser Diode]
TOSA --> Optical_Out((Optical Fiber))
Optical_In((Optical Fiber)) --> ROSA[Photodiode]
ROSA --> TIA[Amplifier]
TIA --> Electrical_Out[Electrical Interface]
```
---
## 4. Typical Applications
* **Data Centers:** Connecting servers to high-speed switches.
* **Telecommunications:** Used in LTE/5G base station backhaul.
* **Enterprise Networking:** High-speed uplinks for corporate LANs.
---
- ⤷What is the maximum transmission distance for the W2CE-1CB-R?
- ⤷ Is the W2CE-1CB-R compatible with Cisco or Juniper hardware?
- ⤷ How does the Digital Diagnostic Monitoring (DDM) feature work in this module?