W2AC-ADCD-R2
AI

The **W2AC-ADCD-R2** is a specialized electronic module, typically used in industrial automation, power distribution, or specialized HVAC control systems. It functions primarily as an **Analog-to-Digital Converter (ADC)** or a signal conditioning interface for alternating current (AC) systems.
Below is the technical breakdown of its electronic components and specifications.
---
### 1. Functional Overview
The module serves as a bridge between high-voltage/high-current AC signals and low-voltage digital processing units (like a PLC or MCU).
| Feature | Description |
| :--- | :--- |
| **Primary Function** | AC Signal Conversion / Monitoring |
| **Input Type** | AC Voltage or AC Current (Frequency dependent) |
| **Output Type** | Digital Signal (typically RS485/Modbus or Discrete pulses) |
| **Mounting** | DIN Rail or PCB Mounted (depending on housing) |
---
### 2. Core Electronic Sub-systems
#### A. Input Signal Conditioning (The "AC" Section)
This section handles the raw AC input. It usually contains:
* **Step-down Transformer/Transducer:** To safely scale down high AC voltages to measurable levels.
* **Rectifier Circuit:** Converts the AC waveform into a pulsating DC signal.
* **Filtering (RC/LC Circuits):** Removes high-frequency noise and harmonics from the line.
#### B. The ADC Section (The "ADCD" Section)
This is the heart of the "ADCD" designation (Analog-to-Digital Conversion Device).
* **Precision Operational Amplifiers:** Used for scaling and buffering the signal before conversion.
* **A/D Converter Chip:** Typically a 12-bit or 16-bit resolution chip that samples the analog voltage and converts it into binary data.
* **Reference Voltage IC:** Provides a highly stable voltage to ensure measurement accuracy.
#### C. Control and Isolation
* **Microcontroller (MCU):** Manages the logic, scaling factors, and communication protocols.
* **Opto-Isolators:** These are critical electronic parts that use light to transmit signals, ensuring the high-voltage AC side is electrically isolated from the low-voltage digital side to prevent equipment damage.
#### D. Power Supply Section
* **Voltage Regulator:** (e.g., LM7805 or similar LDO) to provide steady DC power to the internal logic.
* **Protection:** Includes Varistors (MOVs) for surge protection and resettable fuses (PTCs).
---
### 3. Component Breakdown Table
| Component Type | Part Category | Purpose |
| :--- | :--- | :--- |
| **Sensing** | Current Transformer / Shunt | Detects AC load |
| **Processing** | Microprocessor (e.g., STM32 or ATMega series) | Calculates RMS values |
| **Communication** | Transceiver IC (e.g., MAX485) | Handles data transmission |
| **Isolation** | Photocouplers | Safety and noise immunity |
---
### 4. Technical Summary of "R2" Designation
The **"R2"** suffix in this part number typically refers to a specific revision or a relay output configuration:
1. **Revision 2:** Hardware improvements over the initial design (better thermal management or updated firmware).
2. **Dual Relay:** Indicates the presence of two physical mechanical or solid-state relays (SSR) for switching external loads based on the ADC readings.
- ⤷
What is the maximum input AC voltage supported by the W2AC-ADCD-R2?
- ⤷ Does this module support Modbus RTU communication protocol?
- ⤷ How do I calibrate the ADC output for this specific hardware revision?