AI

The **W2AC-ABAB-R2/N** is a specific part number typically associated with the **W-Series** of electronic switches, often manufactured by **Carling Technologies**. This specific configuration identifies a rocker switch used in automotive, marine, and industrial applications.
Below is a breakdown of the electronic and mechanical specifications based on the standard nomenclature for this series.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Series** | W-Series (Hydraulic-Magnetic / Rocker Switch) |
| **Switching Type** | SPDT (Single Pole Double Throw) or SPST (depending on internal wiring) |
| **Current Rating** | Typically 10A to 15A (Voltage dependent) |
| **Voltage Rating** | 125/250 VAC or 12-24 VDC |
| **Circuitry** | On-Off (Standard configuration for "AB" codes) |
| **Termination** | .250 Quick Connect Tabs |
| **Protection** | IP67 / IP68 (Dust and Waterproof) |
---
## 2. Part Number Breakdown
The alphanumeric code describes the exact build of the component:
### **W2** (Series & Pole)
* **W**: Refers to the W-Series, known for high environmental sealing and aesthetic versatility.
* **2**: Indicates a 2-pole housing (though it may be wired for single pole use).
### **AC** (Circuitry)
* Defines the switch action (e.g., Maintain On - Off). This dictates how the internal contacts behave when the rocker is pressed.
### **ABAB** (Actuator & Color)
* **Actuator Style**: Defines the physical shape of the rocker (e.g., standard curved).
* **Color/Legend**: The "AB" codes usually signify a Black Actuator with a specific legend or light orientation.
### **R2/N** (Illumination & Voltage)
* **R**: Indicates the color of the illumination (typically Red).
* **2**: Refers to the voltage for the internal lamp/LED (e.g., 12V or 24V).
* **/N**: Often signifies a specific packaging or a "No-Legend" variant where the face of the switch is blank.
---
## 3. Key Electronic Components
Internally, the W2AC-ABAB-R2/N consists of several critical electronic parts:
1. **Contacts**: Silver-plated copper alloy for high conductivity and arc resistance.
2. **Internal Lamp/LED**: A light-emitting diode or neon bulb connected to pins 7 and 8 for backlighting.
3. **Sealing Gaskets**: Dual-seal moisture protection designed to prevent short circuits in marine environments.
4. **Terminals**: High-brass tabs designed for vibration-resistant connections.
---
## 4. Typical Applications
* **Marine**: Dashboard controls for pumps, lights, and navigation.
* **Off-Road**: Control for winches, light bars, and lockers.
* **Industrial**: Heavy-duty machinery control panels.
- ⤷
What are the exact pinout diagrams for the W-series switches?
- ⤷ How does the IP68 rating affect the installation process?
- ⤷ Can this switch be used for high-inductance motor loads?