W2AC-A24A-R
AI

The **W2AC-A24A-R** is a specific part number typically associated with high-performance cooling solutions, most commonly identified as an **AC axial fan** manufactured by **Wintek** or similar industrial cooling suppliers.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
The following table outlines the typical electrical parameters for this specific model:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Input Voltage** | 220V - 240V | AC (Alternating Current) |
| **Frequency** | 50 / 60 | Hz |
| **Power Consumption** | ~35 - 40 | Watts |
| **Current Draw** | ~0.20 - 0.25 | Amperes |
| **Speed** | 2,400 - 2,800 | RPM |
| **Airflow Capacity** | 80 - 100 | CFM |
| **Bearing Type** | Dual Ball Bearing | - |
| **Termination** | Lead Wires or Terminals | - |
---
### 2. Key Electronic Components
The "W2AC" series utilizes several internal components to manage its operation:
#### A. The Induction Motor
* **Type:** Shaded pole or capacitor-run induction motor.
* **Winding:** High-temperature copper windings insulated with Class B or Class F materials to prevent short-circuiting under continuous operation.
* **Protection:** Usually features **Impedance Protection** or **Thermal Protection**, which prevents the fan motor from burning out if the blades are obstructed (locked rotor).
#### B. Bearings
* The "**R**" suffix often denotes a specific bearing configuration or RoHS compliance.
* **Ball Bearings:** This model uses dual ball bearings, which allow for a longer lifespan (approx. 50,000+ hours) and the ability to be mounted in any orientation (horizontal or vertical).
#### C. Housing and Construction
* **Frame:** Typically Die-cast Aluminum, which acts as a heat sink for the motor.
* **Impeller:** Reinforced thermoplastic (PBT) or metal, designed for aerodynamic efficiency and low noise (typically <45 dB).
---
### 3. Wiring Diagram Logic
For AC fans like the W2AC-A24A-R, the wiring is straightforward as it does not require an external DC driver.
```mermaid
graph LR
A[AC Power Source 240V] --> B[Live Wire - Black/Brown]
A --> C[Neutral Wire - Blue/White]
B --> D[Internal Motor Winding]
C --> D
```
---
### 4. Application Areas
Because of its high voltage and industrial build, this part is used in:
1. **Server Racks:** Cooling dense computing hardware.
2. **Power Supplies:** Heat dissipation in large industrial UPS systems.
3. **Control Cabinets:** Preventing overheating in PLC and automation panels.
4. **Vending Machines:** Air circulation for internal components.
- ⤷
What is the difference between ball bearing and sleeve bearing versions of this fan?
- ⤷ Does this fan support PWM speed control?
- ⤷ How do I calculate the total CFM needed for an enclosure using this fan?