AI

The **VOS2T-R-31L4** belongs to a specific category of industrial sensors, typically identified as a **Vision Sensor** within the Pepperl+Fuchs VOS series. These devices integrate an image sensor, lighting, and processing electronics into a single housing to perform automated inspection tasks.
---
### 1. Key Internal Electronic Components
The device is composed of several high-performance electronic layers that allow it to capture and process images in real-time:
| Component | Function |
| :--- | :--- |
| **CMOS Image Sensor** | Converts light into digital signals. Usually features a global shutter to capture moving objects without distortion. |
| **Digital Signal Processor (DSP)** | The "brain" of the unit. It runs the OCR, code reading, or pattern matching algorithms. |
| **Integrated LED Lighting** | High-intensity LEDs (often white or infrared) synchronized with the shutter for consistent exposure. |
| **I/O Interface** | Opto-isolated digital inputs and outputs for triggering and signaling results to a PLC. |
| **Ethernet Controller** | Manages high-speed data transmission for configuration and image offloading (Profinet, EtherNet/IP). |
---
### 2. Technical Specifications
Below are the typical electronic and operational parameters for this model series:
* **Supply Voltage:** 24 V DC (±15%).
* **Power Consumption:** Approximately 5W to 10W depending on illumination intensity.
* **Resolution:** 1.2 Megapixels (1280 x 960 pixels) is standard for the 31L4 series.
* **Communication Protocols:**
* TCP/IP, EtherNet/IP, PROFINET.
* RS-232 for legacy serial communication.
* **Digital I/O:** 1 Trigger Input, 2-4 Programmable Outputs.
---
### 3. Electronic Architecture & Connectivity
The VOS2T series uses standardized industrial connections to ensure electromagnetic compatibility (EMC) and environmental protection:
#### Connector Pinout (Typical M12)
1. **Power/IO (M12 12-pin):** Handles the main power supply and hardware triggers.
2. **Ethernet (M12 8-pin X-Coded):** Handles high-speed data for the software interface and industrial Ethernet protocols.
```mermaid
graph LR
A[Image Sensor] --> B[Image Processing Engine]
B --> C[Internal Memory]
B --> D[I/O Logic]
D --> E[M12 Connector]
B --> F[Ethernet Controller]
F --> G[M12 X-Coded Port]
```
---
### 4. Software & Logic Features
The electronics are designed to support various vision tools pre-loaded onto the firmware:
* **Code Reading:** 1D/2D codes (DataMatrix, QR, etc.).
* **OCR/OCV:** Optical Character Recognition and Verification.
* **Positioning:** Detecting the X, Y, and Angle coordinates of a part.
* **Logic Tools:** Built-in "AND/OR" gates to combine multiple inspection results into a single "Pass/Fail" output.
- ⤷
What are the specific lens mounting options for the VOS2T series?
- ⤷ How do I configure the digital outputs using the VOS Configurator software?
- ⤷ What is the maximum frames-per-second (FPS) this sensor can process?