Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • VD-1-R

  • AI
    Based on your query, the **VD-1-R** typically refers to a specialized electronic component, most commonly identified as a **Radial Lead Varistor** (Voltage Dependent Resistor) or a specific **Voltage Detector IC**, depending on the manufacturer. In most industrial electronics contexts, this part is used for **circuit protection** or **voltage monitoring**. --- ## 1. Technical Specifications Overview If the VD-1-R is categorized as a Varistor/Voltage Detector, its primary role is to manage voltage spikes or threshold levels. | Parameter | Typical Value/Description | | :--- | :--- | | **Component Type** | Varistor (VDR) or Voltage Detector | | **Form Factor** | Radial Lead (Through-hole) | | **Primary Material** | Metal Oxide (for Varistors) or Silicon (for ICs) | | **Response Time** | Fast (Nanoseconds) | | **Common Application** | Surge protection or Reset signal generation | --- ## 2. Key Electronic Functions ### A. Surge Suppression (Varistor Role) If the device is a Varistor, its resistance changes based on the applied voltage: - **Normal Operation:** High resistance, allowing current to flow to the load. - **Overvoltage Event:** Resistance drops sharply, shunting the excess current to ground to protect sensitive downstream components. ### B. Threshold Detection (IC Role) If the device is a Voltage Detector IC: - It monitors a power supply rail. - When the voltage drops below a specific "Detection Voltage," the output (Pin R) triggers a reset signal to a microcontroller to prevent data corruption during brownouts. --- ## 3. Circuit Symbol and Package The physical appearance is usually a small, disc-shaped component (if a varistor) or a small 3-lead transistor-like package (TO-92 or SOT-23). ```text [ Schematic Symbol ] / \ ----| V |---- (Varistor) \ / +-----+ Vin -| |- Vout Gnd -| | +-----+ (Voltage Detector) ``` --- ## 4. Maintenance and Testing To verify if a VD-1-R is functioning correctly: 1. **Visual Inspection:** Look for charring, cracks, or "mushrooming" which indicates a surge event has occurred. 2. **Resistance Check:** Using a Multimeter, a Varistor should show near-infinite resistance under normal conditions. 3. **Continuity:** If the part is shorted (0 Ohms), it has failed and must be replaced to restore circuit operation.
    ✨ Follow-up Questions
    • ⤷ Is the VD-1-R you are referring to used in a specific brand of appliance or PCB?
    • ⤷ What are the specific symptoms of the circuit where this part is installed?
    • ⤷ Do you need the cross-reference or equivalent part numbers for replacement?