Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • VCMT053T-R33MN52M

  • AI
    The **VCMT053T-R33MN52M** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to the molded power inductor category, known for its excellent magnetic shielding and high reliability. --- ### 1. Part Number Breakdown While naming conventions vary slightly by manufacturer (often Cyntec or Delta), the code generally breaks down as follows: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **VCMT** | Series Name | High-current, molded metal powder inductor. | | **053T** | Case Size | Dimensions (approx. 5.4mm x 5.2mm x 3.0mm). | | **R33** | Inductance | **0.33 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** tolerance on inductance. | | **N52** | Material/Internal | Specific alloy core material and internal design code. | | **M** | Termination | RoHS compliant/Lead-free finish. | --- ### 2. Key Technical Specifications Based on the standard 053T series profile for 0.33µH inductors: * **Inductance:** 0.33 µH. * **Operating Temperature:** -55°C to +125°C (standard for automotive/industrial grades). * **Core Material:** Carbonyl Iron or Metal Alloy Powder (provides soft saturation). * **Construction:** Shielded construction (molded body) to reduce Electromagnetic Interference (EMI). --- ### 3. Electronic Characteristics #### A. High Saturation Current ($I_{sat}$) Because it uses a molded metal powder, the inductor does not have a "hard" saturation point. As current increases, the inductance drops gradually rather than abruptly, preventing sudden circuit failure. #### B. Low DC Resistance (DCR) The internal coil is usually made of heavy-gauge copper wire to minimize power loss through heat ($I^2R$ losses). This makes it highly efficient for high-speed switching regulators. #### C. Magnetic Shielding The molding process encapsulates the coil in a magnetic metal powder. This acts as a natural shield, containing the magnetic flux and preventing the component from interfering with nearby sensitive components on the PCB. --- ### 4. Common Applications This specific inductor is found in high-frequency, high-current environments: * **Voltage Regulator Modules (VRMs):** For CPUs and GPUs. * **DC-DC Converters:** Point-of-load (POL) power supplies. * **Automotive Electronics:** Infotainment and ADAS systems. * **Mobile Devices:** Battery-powered high-efficiency circuits. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions and footprint for the VCMT053T?
    • ⤷ How does the 'soft saturation' of this inductor compare to ferrite core inductors?
    • ⤷ What is the typical current rating (Amps) for a 0.33uH molded inductor of this size?